Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX252AKF Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX252AKF
Description  Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX252AKF Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX252AKF Datasheet HTML 6Page - Sony Corporation ICX252AKF Datasheet HTML 7Page - Sony Corporation ICX252AKF Datasheet HTML 8Page - Sony Corporation ICX252AKF Datasheet HTML 9Page - Sony Corporation ICX252AKF Datasheet HTML 10Page - Sony Corporation ICX252AKF Datasheet HTML 11Page - Sony Corporation ICX252AKF Datasheet HTML 12Page - Sony Corporation ICX252AKF Datasheet HTML 13Page - Sony Corporation ICX252AKF Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
– 10 –
ICX252AKF
Color coding of this image sensor & Readout
The complementary color filters of this image sensor are arranged
in the layout shown in the figure on the left.
For frame readout, the A1 and A2 lines are output as signals in
the A field, and the B1 and B2 lines in the B field.
Horizontal register
Ye
G
Ye
G
Cy
Mg
Cy
Mg
Ye
G
Ye
G
Cy
Mg
Cy
Mg
Color Coding Diagram
Image Sensor Characteristics Measurement Method
Measurement conditions
1) In the following measurements, the device drive conditions are at the typical values of the bias and clock
voltage conditions, and the frame readout mode is used.
2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical
black level (OB) is used as the reference for the signal output, which is taken as the value of the G/Ye
channel signal output or the Mg/Cy channel signal output of the measurement system.
B2
B1
A2
A1
These signals are processed to form the Y signal and chroma (color difference) signal as follows.
The approximation:
Y = {G + Mg + Ye + Cy}
× 1/4
= 1/4 {2B + 3G + 2R}
is used for the Y signal, and the approximation:
R – Y = {(Mg + Ye) – (G + Cy)}
= {2R – G}
B – Y = {(Mg + Cy) – (G + Ye)}
= {2B – G}
are used for the chroma (color difference) signal.


Similar Part No. - ICX252AKF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX252AKF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
   Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com