Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121583-0031 Datasheet(PDF) 4 Page - ITT Industries

Part # 121583-0031
Description  Cannon APD Series ISO 15170 Connectors
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

121583-0031 Datasheet(HTML) 4 Page - ITT Industries

  121583-0031 Datasheet HTML 1Page - ITT Industries 121583-0031 Datasheet HTML 2Page - ITT Industries 121583-0031 Datasheet HTML 3Page - ITT Industries 121583-0031 Datasheet HTML 4Page - ITT Industries 121583-0031 Datasheet HTML 5Page - ITT Industries 121583-0031 Datasheet HTML 6Page - ITT Industries 121583-0031 Datasheet HTML 7Page - ITT Industries 121583-0031 Datasheet HTML 8Page - ITT Industries 121583-0031 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
4
The ITT “Engineered Blocks” symbol and the composite ITT logo are registered trademarks of ITT Corporation. © 2011
InadditiontoourAPDISO15170series,
wealsooffertheseconnectivitysolutions:
Cannon CA-Bayonet
Signal and power connectors with exceptional
sealing against the ingress of fluids and will
withstand the effects of high vibrations.
VEAMVBN
Completely intermateable with VEAM VG95234/CIR
reverse bayonet connectors.
Cannon Trident
Versatile range of electrical connectors based on a
standard contact design. Options include; industrial grade, harsh
environment and shielded circulars.
InterconnectTechnologies&SolutionsfortheTransportationIndustry
For over 90 years, ITT has been developing innovative solutions for harsh environment
applications. We have a proven track record of demonstrating our expertise and commitment
to the transportation industry, offering the broadest portfolio of interconnect products.
Off-Road/HeavyVehicle
Our interconnect range include sealed circulars, plastic and metal shell bayonet coupling
circulars, miniature metal shell circulars, PC board header connectors and sensor and direct
device connectors. ITT is also a systems supplier, providing value-added module and harness
assemblies.
Cannon Sure Seal
Sure Seal is a series of rugged, IP 67 proof
connectors. The one piece molded body pro-
vides integrated sealing and excellent vibra-
tion resistance.


Similar Part No. - 121583-0031

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
140Kb / 4P
   Cannon APD / DIN 72585 Connectors
More results

Similar Description - 121583-0031

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
140Kb / 4P
   Cannon APD / DIN 72585 Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
1504728 ITT-1504728 Datasheet
571Kb / 2P
   APD Transportation Connectors
logo
Glenair, Inc.
547-005BT GLENAIR-547-005BT Datasheet
84Kb / 1P
   Boot Backshell for Cannon DPX3 Series Connectors
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com