Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM3B Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # RPM3B
Description  UHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3B Datasheet(HTML) 3 Page - Radiometrix Ltd

  RPM3B Datasheet HTML 1Page - Radiometrix Ltd RPM3B Datasheet HTML 2Page - Radiometrix Ltd RPM3B Datasheet HTML 3Page - Radiometrix Ltd RPM3B Datasheet HTML 4Page - Radiometrix Ltd RPM3B Datasheet HTML 5Page - Radiometrix Ltd RPM3B Datasheet HTML 6Page - Radiometrix Ltd RPM3B Datasheet HTML 7Page - Radiometrix Ltd RPM3B Datasheet HTML 8Page - Radiometrix Ltd RPM3B Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 3
1.1 OPERATING STATES
The RADIO PACKET MODEM has three normal operating states:
SHUTDOWN
STANDBY
CONNECTED
SHUTDOWN
The SHUTDOWN state is entered by asserting the WAKE/DTR input pin high (Vcc). It effectively
forces the RPM3B into a suspended state. Communications cannot be made with the RPM3B in this
state. WAKE/DTR pin should be pulled Low by host or connected to 0V to Enable the RPM3B.
STANDBY
Immediately after power up and during normal operation, the RPM3B will automatically enter standby
mode where it is waiting for a connection request from a remote RPM3B module.
While in this mode a remote connection request can be received which will place the RPM3B into a
connected state allowing it to then start receiving data from the remote unit. The connected host
device can also send data to the RPM3B via the serial interface which will force the module to send a
connection request to the remote RPM3B module, thus effectively setting up a logical connection
between two units and allowing data to be transferred.
CONNECTED
On receipt of a connection request from a remote unit, the RPM3B immediately enters a connected
state. This effectively allows the RPM3B modems to start sending and receiving data.
In-coming data is sent to the host via the serial port in the same form as it was given to the remote
RPM3B module.
Figure 4: RPM3B transmitting data at 28kbps during ZMODEM file transfer to a remote RPM3B


Similar Part No. - RPM3B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3-869-17 RADIOMETRIX-RPM3-869-17 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3-869-17-3V RADIOMETRIX-RPM3-869-17-3V Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3-869-17-3V-ANT RADIOMETRIX-RPM3-869-17-3V-ANT Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3-869-17-3V-SMA RADIOMETRIX-RPM3-869-17-3V-SMA Datasheet
736Kb / 15P
   UHF Radio Packet Modem
More results

Similar Description - RPM3B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com