Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHX1 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # SHX1
Description  500mW Multichannel VHF transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SHX1 Datasheet(HTML) 3 Page - Radiometrix Ltd

  SHX1 Datasheet HTML 1Page - Radiometrix Ltd SHX1 Datasheet HTML 2Page - Radiometrix Ltd SHX1 Datasheet HTML 3Page - Radiometrix Ltd SHX1 Datasheet HTML 4Page - Radiometrix Ltd SHX1 Datasheet HTML 5Page - Radiometrix Ltd SHX1 Datasheet HTML 6Page - Radiometrix Ltd SHX1 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Radiometrix Ltd
SHX1 Data Sheet (preliminary)
page 3
Pin Description
NOTES:
1.
No inversion occurs between TXD and RXD. However, AF out is inverted relative to TXD.
2.
PGM, P0 - P3 (parallel channel selects) and TXE are active LOW and have internal 47K pullups to
4v.
3.
Open collector output RXD has a 47K pullup to 4V.
4.
The software incorporates a 1200baud dumb modem, compatible with that implemented in other
Radiometrix narrowband units ( i1200 tones and format ). Modem operation is selected by a serial
command.
5.
Main serial port (PGM) operates at 2400 baud. (Command set is the same as SMX (USA) version).
The unit is capable of operating in 'basic' parallel channel select only mode, or in serial controlled
'expanded' mode.
6.
If analogue transmit modulation is needed, then connect a series 1uF cap + 500K trimmer (a
multiturn is advised) in the 'baseband TXD' circuit. Adjust trimmer for 90% of peak deviation (+/-
2.7kHz) at mean input level.
7.
The high current (280mA max.) transmitter supply (5v regulated) is fed to a separate pin, on the RF
out connector (pin 6A).
The Vcc (pin 4 on the user connector) can tolerate 4.1 - 15v, and draws up to 25mA. Both pins must
be supplied at all times (most users connect them to a common +5v supply)
Pins
Normal mode
Modem mode
RF
1A
NO PIN
2A
RF in/out
To the antenna
3A
RF Gnd
RF ground
4A
GND
0V
5A
GND
0V
6A
VCCTX
+5V regulated supply for TX
7
User
1
TXD
DC coupled input for TTL / CMOS logic
NC
2
TXE
Transmit enable.
Low = TX mode
NC
3
GND
0V
4
Vcc
DC supply input (+5V regulated)
8
5
P3
Parallel channel select
BUSY
6
P2
Parallel channel select
MOD TXD
7
P1
Parallel channel select
MOD RXD
8
PGM in
Serial programming/control input (inverted logic level RS232)
PGM in
9
RSSI
DC level between 0.5V and 2.5V. 60dB dynamic range
10
RXD
Open collector output of data slicer. 47K pullup to 4V
NC
11
AF out
500mV p-p audio. DC coupled, approx 0.8V bias
NC
Figure 3: SHX1 footprint (Top) view


Similar Part No. - SHX1

ManufacturerPart #DatasheetDescription
logo
Hind Rectifiers Limited...
SHXXC1130 HIRECT-SHXXC1130 Datasheet
73Kb / 5P
   Capsule Type Rectifier Diode
SHXXC1850 HIRECT-SHXXC1850 Datasheet
73Kb / 5P
   Capsule Type Rectifier Diode
SHXXC2230 HIRECT-SHXXC2230 Datasheet
73Kb / 5P
   Capsule Type Rectifier Diode
SHXXC450 HIRECT-SHXXC450 Datasheet
72Kb / 5P
   Capsule Type Rectifier Diode
SHXXC540 HIRECT-SHXXC540 Datasheet
72Kb / 5P
   Capsule Type Rectifier Diode
More results

Similar Description - SHX1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
UHX1-144-5 RADIOMETRIX-UHX1-144-5 Datasheet
370Kb / 7P
   NBFM Multichannel 500mW VHF Transceiver
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
M48-169-BIM1H RADIOMETRIX-M48-169-BIM1H Datasheet
476Kb / 11P
   VHF 500mW RS232 radio modem
M48-144-SHX1 RADIOMETRIX-M48-144-SHX1 Datasheet
311Kb / 11P
   500mW VHF NBFM multi channel radio modem
logo
List of Unclassifed Man...
IC-M59 ETC-IC-M59 Datasheet
545Kb / 36P
   VHF MARINE TRANSCEIVER
logo
Radiometrix Ltd
FPX3 RADIOMETRIX-FPX3_16 Datasheet
355Kb / 7P
   400mW Multichannel 869MHz band transceiver
logo
Wolfson Microelectronic...
WM8580_07 WOLFSON-WM8580_07_12 Datasheet
1Mb / 97P
   Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580_08 Datasheet
1Mb / 103P
   Multichannel CODEC with S/PDIF Transceiver
WM8580A WOLFSON-WM8580A Datasheet
1Mb / 106P
   Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581_07 Datasheet
1Mb / 100P
   Multichannel CODEC with S/PDIF Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com