Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1817JBD144 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC1817JBD144
Description  Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1817JBD144 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC1817JBD144 Datasheet HTML 3Page - NXP Semiconductors LPC1817JBD144 Datasheet HTML 4Page - NXP Semiconductors LPC1817JBD144 Datasheet HTML 5Page - NXP Semiconductors LPC1817JBD144 Datasheet HTML 6Page - NXP Semiconductors LPC1817JBD144 Datasheet HTML 7Page - NXP Semiconductors LPC1817JBD144 Datasheet HTML 8Page - NXP Semiconductors LPC1817JBD144 Datasheet HTML 9Page - NXP Semiconductors LPC1817JBD144 Datasheet HTML 10Page - NXP Semiconductors LPC1817JBD144 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ES_LPC185X_3X_2X_1X_FLASH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Errata sheet
Rev. 2.1 — 23 November 2012
9 of 11
NXP Semiconductors
ES_LPC185x/3x/2x/1x Flash
Errata sheet LPC185x/3x/2x/1x flash-based devices
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
5.
Errata notes detail
5.1 n/a
Table 5.
Errata sheet spec: ±2 %
Tamb = +55 C to +85 C; 2.2 V VDD(REG)(3V3) 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator
frequency
-
11.76
12.00
12.24
MHz
Table 6.
Errata sheet spec: ±3.5 %
Tamb =+85 C to +105 C; 2.2 V VDD(REG)(3V3) 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator
frequency
-
11.58
12.00
12.42
MHz


Similar Part No. - LPC1817JBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1817JBD144 PHILIPS-LPC1817JBD144 Datasheet
2Mb / 147P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC1817JBD144 NXP-LPC1817JBD144 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
More results

Similar Description - LPC1817JBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C66X PHILIPS-P89C66X Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC12C509A-04-P MICROCHIP-PIC12C509A-04-P Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
logo
NXP Semiconductors
ES-LPC407X-8X NXP-ES-LPC407X-8X Datasheet
31Kb / 6P
   Errata sheet LPC407x/8x
Rev. 1-24 September 2012
logo
Microchip Technology
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
PIC12C508-04 MICROCHIP-PIC12C508-04 Datasheet
260Kb / 12P
   PIC12C508/509 Data Sheet Errata
02/12/03
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
   C Silicon/Data Sheet Errata
2002
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com