Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1111002 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1111002
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1111002 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 1111002 Datasheet HTML 4Page - Tyco Electronics 1111002 Datasheet HTML 5Page - Tyco Electronics 1111002 Datasheet HTML 6Page - Tyco Electronics 1111002 Datasheet HTML 7Page - Tyco Electronics 1111002 Datasheet HTML 8Page - Tyco Electronics 1111002 Datasheet HTML 9Page - Tyco Electronics 1111002 Datasheet HTML 10Page - Tyco Electronics 1111002 Datasheet HTML 11Page - Tyco Electronics 1111002 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
8
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Thin wall, zero-halogen, low smoke, low toxicity, radiation cross-
linked, UV stabilised polyolefin heat-shrinkable tubing, assembled
as cut sleeves organized in a ladder format.
Identification of wires and cables by computer-based printing onto
sleeves. Ideal for applications where limited fire hazard
characteristics are necessary. The zero halogen material coupled
with low smoke and low toxic fume emissions make this product
best used in enclosed spaces such as mass transit, marine and
industrial installations.
This product is not recommended where strain relief properties are
required.
Features and benefits
I Low fire hazard properties, low smoke, low toxicity, low
flammability. Meets industry standard BS 6853 (1999)
Vehicle Category 1a
I Superb print quality to give crisp clear identification
marker sleeve
I Excellent print permanence when tested in demanding
industry related fluids
I Choice of printer options
I Sleeve diameters from 2.4mm to 38.1mm
I Sleeve length from 12.7mm to 50.8mm
I Sleeves are printable on both sides for ease of
identification or inclusion of additional information
to the marker sleeve
I Shrink ratio of 2:1 - recovers to half of the original
diameter
Temperature rating
Operating temperature range
–30°C to +105°C
–22°F to +221°F
Minimum recovery temperature
+120°C
+248°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2072
TTDS-108
Military
SAE AS81531 4.6.2
MIL-STD-202 Method 215J
Industry
BS 6853 [1999] – Vehicle Category 1a
LUL toxic fume (LUL E1042:A6 [2002})
- No halogen, O, N or S sources
Printer information
Tyco Electronics printers
T312M and T212M (thermal transfer)
Tyco Electronics ribbons
1966 - RIBBON (T312M)
T200 - RIBBON-1966 (T212M)
HX-SCE- 1K-4.8 - 50 - S1 - 4
Part numbering system
Color
Scoring (optional)
Sleeve length (mm)
Expanded inside diameter (inches)
Pack size
Product family


Similar Part No. - 1111002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11110065 MOLEX11-11110065 Datasheet
16Kb / 1P
   Conductor Anvil
11110066 MOLEX11-11110066 Datasheet
16Kb / 1P
   Conductor Punch
11110067 MOLEX11-11110067 Datasheet
16Kb / 1P
   Insulation Anvil
11110068 MOLEX11-11110068 Datasheet
16Kb / 1P
   Barrel Form Punch
11110069 MOLEX11-11110069 Datasheet
16Kb / 1P
   Barrel Form Punch
More results

Similar Description - 1111002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com