Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1111102 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1111102
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1111102 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1111102 Datasheet HTML 3Page - Tyco Electronics 1111102 Datasheet HTML 4Page - Tyco Electronics 1111102 Datasheet HTML 5Page - Tyco Electronics 1111102 Datasheet HTML 6Page - Tyco Electronics 1111102 Datasheet HTML 7Page - Tyco Electronics 1111102 Datasheet HTML 8Page - Tyco Electronics 1111102 Datasheet HTML 9Page - Tyco Electronics 1111102 Datasheet HTML 10Page - Tyco Electronics 1111102 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
HT-SCE High temperature, low outgassing heat-shrinkable wire identification sleeves
7
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering information
Available sizes and formats
Inside diameter
Ordering
D (min)
d (max)
Recommended
description
As supplied
After recovery
use range
mm
inches
mm
inches
mm
inches
HT-SCE-1K- 3/32 -2.0- <color>
2.36
0.093
0.79
0.031
0.81 - 1.90
0.032 - 0.075
HT-SCE-1K - 1/8 -2.0- <color>
3.18
0.125
1.58
0.062
1.75 - 2.66
0.069 - 0.105
HT-SCE-1K- 3/16 -2.0- <color>
4.75
0.187
2.36
0.093
2.54 - 4.06
0.100 - 0.160
HT-SCE-1K- 1/4 -2.0- <color>
6.35
0.250
3.18
0.125
3.40 - 6.00
0.134 - 0.236
HT-SCE-1K- 3/8 -2.0- <color>
9.53
0.375
4.75
0.187
5.30 - 8.10
0.209 - 0.319
HT-SCE-1K- 1/2 -2.0- <color>
12.70
0.500
6.35
0.250
6.60 - 11.40
0.260 - 0.449
HT-SCE-1K- 3/4 -2.0- <color>
18.00
0.709
9.00
0.354
9.90 - 15.30
0.390 - 0.602
HT-SCE-1K-1-2.0- <color>
25.40
1.000
12.70
0.500
13.30 - 23.00
0.524 - 0.906
HT-SCE-1K-11/2 -2.0- <color>
38.10
1.500
19.05
0.750
20.95 - 34.00
0.825 -1.339
Total width as supplied 90.18 mm (3.550 inches) including tape and carrier width.
Options
Prescoring
Perforated score to produce multiple marker sleeves from each HT-SCE sleeve
Number of prescores
1 prescore
2 prescores
3 prescores
Code
S1
S2
S3
Package size
Standard
1K - 1000 piece packs
Nonstandard
Larger pack sizes are available. Please contact Tyco Electronics.
Colors
Standard
White
Black
Code
9
0
Nonstandard
Pink
Blue
Yellow
Code
2L
6
4
Ordering information: Specify product name, pack size, sleeve size, prescore, format and color.
Ordering example: HT-SCE-1K-
1/4-2.0-S1-9
SOG-ER33-3 BT-M
50mm
(nom )
SOG-ER32-3 BT-M
SOG-ER13-3 BT-M
D
d


Similar Part No. - 1111102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1111110041 MOLEX1-1111110041 Datasheet
42Kb / 1P
   zSFP 1x4 Light Pipe Cover Assembly, Low Profile
1111110410 MOLEX1-1111110410 Datasheet
41Kb / 1P
   zSFP 1x4 Ganged Cage Assembly with Elastomer Gasket
logo
Weidmuller
1111160000 WEIDMULLER-1111160000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
logo
Aries Electronics, Inc.
1111163 ARIES-1111163 Datasheet
476Kb / 1P
   40-Pin DIP-to-Socketable PLCC Adapter
logo
Molex Electronics Ltd.
111119 MOLEX2-111119 Datasheet
2Mb / 4P
   EXTreme Guardian??Power Connector System
More results

Similar Description - 1111102

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com