Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS309HR-VA6R Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS309HR-VA6R
Description  COIN TYPE PAS CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS309HR-VA6R Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  PAS309HR-VA6R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS309HR-VA6R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS309HR-VA6R Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS309HR-VA6R Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
12
cap01_reli-PRP2
cap01_reli_e-01
RELIABILITY DATA
260
Items
Specifications
Test Conditions, Remark
HR type
SR type
1. Operating Temperature range
-20~+60℃
-25~+70℃
2. Max. Usable Voltage
3.3V
2.5V(2.6V*)
3. Resistance to Reflow
Soldering Heat
Capacity/Capacitance : Within initial spec.
Appearance : No noticeable abnormality
Conduct reflow soldering twice according to the reflow soldering test condition
mentioned below.
(Conduct the reflow in the condition of the voltage of 0.3V or lower.)
4. Floating Charge Characteristics
Capacity/Capacitance : Over 70% of initial spec.
Appearance : No noticeable abnormality
Apply a max.usage voltage to the capacitor for 500 hours at max. operating
temp. and measure the floating charge characteristics after returning to normal
temperature and humidity.
5. Charge/Discharge
Cycle Characteristics
Capacity/Capacitance : Over 50% of initial spec.
Appearance : No noticeable abnormality
Measure the charge/discharge cycle characteristics after the 10000 cycles of
charge/discharge at 25±5 ℃ with the charge/discharge cycle test condition for
each part.
6. Thermal Durability
Capacity/Capacitance : Over 80% of initial spec.
Appearance : No noticeable abnormality
Leave the capacitor in an atmosphere of 85℃±2℃ and -30±2℃ consecutively
for 96 hours each, and return to normal temperature and humidity.
7. Humidity Durability
Capacity/Capacitance : Over 80% of initial spec.
Appearance : No noticeable abnormality
Temperature : 40±2℃, Humidity : 90~95%RH Leave the capacitor for under the
condition for 96hours then return to normal temperature and humidity.
8. Vibration Durability
No exterior abnormality observed :
initial spec. values retained
Apply a sine wave vibration of 1.5mm amplitude at frequency 10~55Hz, for 2hours
per each direction (X,Y and Z) , for 6 hours in total.
(*) : 2.6V for PAS311SR
Reflow Soldering Test Condition
Charge/Discharge Cycle Test Condition
Part Number
311HR
409HR
414HR
311SR
414SR
Charging/Discharging
Resistance (Ω)
3000
3000
3000
150
150
Charging Voltage (V)
3.3
3.3
3.3
2.5
2.5
Charging Time (min.)
12
12
24
5
9
Discharging Time (min.)
3
3
6
0.5
1
Reflow profile with lead free condition
Cautions : Do not charge prior to reflow,
Set reflow condition within the range provided in "Specifications", which will
be published separately.
PRECAUTIONS
1. Use under the maximum usable voltage.
If over maximum usable voltage is applied, it might cause abnormal current flow,
which shorten lifetime, leakage and sometimes damage PAS capacitor.
2. Use under maximum operating temperature.
Not only shorter life time but also leakage and damage will happen by increasing
internal pressure if PAS capacitor use in over max operating temperature.
3. Limited life time.
Lifetime of PAS capacitor is greatly affected by surrounding temperature. 10℃
drop in temperature extend its expected lifetime approximately twice as much.
Design a circuit under consideration of deterioration of electrical characteristics
after long time usage, decreasing in capacitance and increasing in internal resis-
tance.
4. The electrical characteristics of capacitors vary with respect to temperature.
The electrical characteristics of PAS capacitors temporarily vary with respect to
temperature separately from secular change mentioned above. Design a circuit
under consideration of temperature characteristics.
5. PAS capacitor has polarity.
PAS capacitor has polarity. Please check the polarity before use. It will be damage
if it is reverse charged.
6. Mind high ripple current or rapid charge / discharge.
In circuit with high ripple current or rapid charge / discharge, the lifetime of PAS
capacitors might be shortened by self-heating.
7. Mind voltage drop when back-up.
When back-up (discharging) starts, voltage drop because of active current and
internal resistance.
8. Series connection.
In case of using PAS capacitor in series connection, the voltage of each capacitor
is not always equal and it may be occurred excessive voltage in a part of capaci-
tor, which may lead to shortening lifetime and breakdown. Take a margin against a
rated voltage or add a balancing resister.
9. Don’tcontact with wiring pattern during installing
IfPAScapacitorcontactwithwiringpattern,itwillbeshortcircuit,andifthereiswiring
patternunderneathofPAScapacitor,shortcircuitwouldoccurbydamageofresist.
10.Environmental of usage.
In case PAS capacitor is used in high humidity, alkaline or acid air, it may cause deterio-
rating of its performance and short circuit by corrosion of outer can or lead terminal. In
addition, used in sudden temperature change or high humidity, it may cause deteriorat-
ing of its performance and electrolyte leak by dew condensation.
11. Don’tapply shock and vibration or pressure.
PAS capacitor is sensitive to shock. Don’tdrop PAS capacitor and not apply
strong pressure to a body, terminals and lead. Soldering part or lead terminal
might be damaged if applying vibration, shock and stress such as pinch, tip, push
and twist after installed.
12.Soldering
If next each item is not minded, it may cause deteriorating of its performance,
leakage, shortening lifetime.
◦ Don’tcontact solder iron to a cell body.
◦ Don’tsolder over solder conditions in the spec. sheet.
◦ Don’tcharge/discharge before reflow.
※The use of the soldering iron is outside the guarantee of this product.
13.Mind cleaning condition when cleaning circuit-board after soldering.
Cleaning may affect PAS capacitor. Consult us about cleaning conditions before-
hand. Some cleaning conditions cause detrimental influence.
14. Storage
Keep following cautions for storage of PAS capacitor
◦ Don’tstore in the high temperature and the high humidity condition and a place
where receiving direct
sunlight. Storing PAS capacitor in the room condition
of 10℃ - 35℃ and less than 65% relative humidity is recommended. Sudden
temperature change or high humidity may cause deteriorating of its character-
istics and Soldering.
◦ Don’tstore PAS capacitor near water, salt water or oil, and it the dew conden-
sation, gasified oil or salinity filled place.
◦ Don’tstore PAS capacitor in the hazardous gas (hydrogen sulfide, sulfurous,
chlorine, ammonia, bromine, methyl bromine and etc) .
◦ Don’tfumigate by halogen fumigant.
◦ Don’tstore PAS capacitor near acid or alkaline solvent.
◦ Don’tstore PAS capacitor in a place where exposed to ozone, ultraviolet or
x-ray.
◦ Don’tstore PAS capacitor in a place where vibration and shock might occur in.
15. Disposal
Dispose PAS capacitor in accordance with local and country rules and regulations.
16. Usage
PAS capacitor is developed on the assumption of the memory-backup & RTC for
usage of information & communication equipment, home electronics, audio &
visual equipment, office equipment and etc. Consult us about using high reliability
and safety required products such as medical equipment, transportation equip-
ment, industrial equipment, flight / space equipment and emergency equipment.
17. Other Notice
◦ Don’theat or throw PAS capacitor into fire.
◦ Don’tshort circuit.
◦ Don’tsolder directly to a cell body.
◦ Don’topen a body.
◦ Don’tdeform.
◦ Don’tapply pressure.
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.


Similar Part No. - PAS309HR-VA6R

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
PAS3010EF-281 TAI-TECH-PAS3010EF-281 Datasheet
148Kb / 1P
   Telecoil-antennas Inductors
PAS3010EV-281M TAI-TECH-PAS3010EV-281M Datasheet
108Kb / 1P
   Telecoil-antennas Inductors
PAS3012EF-681 TAI-TECH-PAS3012EF-681 Datasheet
148Kb / 1P
   Telecoil-antennas Inductor
PAS3012EV TAI-TECH-PAS3012EV Datasheet
108Kb / 2P
   Telecoil-antennas Inductor
PAS3012EV-501M TAI-TECH-PAS3012EV-501M Datasheet
108Kb / 2P
   Telecoil-antennas Inductor
More results

Similar Description - PAS309HR-VA6R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LR2R3105 TAIYO-YUDEN-PAS0815LR2R3105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
   THIN FILM TYPE PAS CAPACITOR
PAS0815LN2R7205 TAIYO-YUDEN-PAS0815LN2R7205 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1235LN2R7206 TAIYO-YUDEN-PAS1235LN2R7206 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7905 TAIYO-YUDEN-PAS1030LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7705 TAIYO-YUDEN-PAS1030LN2R7705 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1220LN2R7905 TAIYO-YUDEN-PAS1220LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1230LN2R7166 TAIYO-YUDEN-PAS1230LN2R7166 Datasheet
243Kb / 2P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1020LN2R7405 TAIYO-YUDEN-PAS1020LN2R7405 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
logo
Panasonic Semiconductor
EECRG0V224 PANASONIC-EECRG0V224_16 Datasheet
50Kb / 1P
   Stacked Coin Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com