Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8014T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV8014T
Description  Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8014T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV8014T_09 Datasheet HTML 1Page - Sanyo Semicon Device LV8014T_09 Datasheet HTML 2Page - Sanyo Semicon Device LV8014T_09 Datasheet HTML 3Page - Sanyo Semicon Device LV8014T_09 Datasheet HTML 4Page - Sanyo Semicon Device LV8014T_09 Datasheet HTML 5Page - Sanyo Semicon Device LV8014T_09 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV8014T
No. A1134-2/6
Allowable Operating Ratings at Ta = 25°C, SGND = PGND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage (VM Pin)
VM
2.0 to 7.0
V
Supply voltage (VCC Pin)
VCC
2.7 to 5.5
V
Input signal voltage
VIN
0 to VCC
V
Input signal frequenc
f max
100
kHz
Capacitor for charge pump
C1, C2, C3
0.001 to 0.1
μF
Electrical Characteristics at Ta = 25°C, VCC = VM1 = VM2 = 5.0V, SGND = PGND = 0V, unless especially specified.
Parameter
Symbol
Conditions
Remarks
Ratings
Unit
min
typ
max
Supply current for load at standby
IMO
EN = 0V
1
1.0
μA
Supply current for control at
standby
ICO
EN = 0V,
IN1 = IN2 = IN3 = IN4 = 0V
2
1.0
μA
Current drain during operation
IC1
EN = 5V, VG at no load
3
0.7
1.2
mA
H-level input voltage
VIH
2.7V
≤ VCC ≤ 5.5V
0.6
×VCC
VCC
V
L-level input voltage
VIL
2.7V
≤ VCC ≤ 5.5V
0
0.2
×VCC
V
H-level input current
(IN1, IN2, IN3, IN4)
IIH
4
1.0
μA
L-level input current
(IN1, IN2, IN3, IN4)
IIL
4
-1.0
μA
Pull-down resistance (EN1, 2)
RUP
100
200
400
k
Ω
Ta = 25°C, VCC = VM = 5.0V, SGND = PGND = 0V
Parameter
Symbol
Conditions
Remarks
Ratings
Unit
min
typ
max
Output ON resistance
RON
Sum of ON resistances at top and
bottom
5
0.75
1.2
Ω
Charge pump voltage
VG
6
8.5
10.5
V
Low-voltage detection operation
voltage
VCS
7
2.15
2.30
2.45
V
Thermal shutdown operation
temperature
Tth
8
180
°C
Charge pump capacity
(IG = 500
μA)
VGLOAD
9
8
9
V
IG current dissipation (Fin = 20kHz)
IG
10
350
μA
Charge pump start time
TVG
CVG = 0.1
μF
11
1.0
ms
Output block
Turn on time
TPLH
12
0.2
0.4
μs
Turn off time
TPHL
12
0.2
0.4
μs
Remarks
1. It shows current dissipation of VM1, VM2 pin in output OFF state.
2. It shows current dissipation of VCC pin in stand-by state.
(The standard current depends on EN pin pull-down resistance.)
3. It shows current dissipation of VCC pin in state of EN = 5V (stand-by), including current dissipation of VG pin.
4. For IN1, IN2, IN3 and IN4 pins, no pull-down and pull-up resistance is needed. (High impedance pin)
5. It shows sum of upper and lower saturation voltages of OUT pin.
6. It controls charge-pump oscillation and makes specified voltage.
7. When low voltage is detected, the lower output is turned OFF.
8. When thermal protection circuit is activated, the lower output is turned OFF.
When the heat temperature is fallen, it is turned ON again.
9. IG (VG pin load current) = 500
μA
10. It shows VG pin current dissipation in state of PWM input for IN pin.
11. It specifies start-up time from 10
% to 90% when VG is in non-load state
(when setting the capacitor between VG and GND to 0.1
μF and VCC is 5V).
12. It specifies 10
% to 90% for start-up and 90% to 10% for shut-down.


Similar Part No. - LV8014T_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8014T SANYO-LV8014T Datasheet
103Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8014T ONSEMI-LV8014T Datasheet
74Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
More results

Similar Description - LV8014T_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com