Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0649 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA0649
Description  Two channels Constant-current H-bridge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0649 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA0649 Datasheet HTML 1Page - Sanyo Semicon Device ENA0649 Datasheet HTML 2Page - Sanyo Semicon Device ENA0649 Datasheet HTML 3Page - Sanyo Semicon Device ENA0649 Datasheet HTML 4Page - Sanyo Semicon Device ENA0649 Datasheet HTML 5Page - Sanyo Semicon Device ENA0649 Datasheet HTML 6Page - Sanyo Semicon Device ENA0649 Datasheet HTML 7Page - Sanyo Semicon Device ENA0649 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LV8080LP
No.A0649-3/8
Block Diagram
Constant-current calculation : IOUT = 0.1 ÷ RF Example : When an IOUT of 100mA is required, RF must be 1Ω.
Usage Notes
The constant current is set by the resource RF connected between RFG and ground according to the formula shown
above.
Truth Table
Input
Output
IN1
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
Mode
Low
Low
Low
Low
Off
Off
Off
Off
Standby mode
Low
High
Low
High
Channel 1, reverse
High
Low
High
Low
Channel 1, forward
High
High
-
-
Low
Low
Off
Off
Channel 1, brake mode
Low
High
Low
High
Channel 2, reverse
High
Low
High
Low
Channel 2, forward
-
-
High
High
Off
Off
Low
Low
Channel 2, brake mode
Note : The "-" input unstable state. When off, a high-impedance state.
• The ENA goes to the standby state with a low-level input, and to the operating state with a high-level input.
• The control input switches the forward/reverse mode.
VCC
0.1V
RFG2
IN1
IN2
IN3
IN4
LVS
TSD
VM
PI/PR
RFG1
CONT
STM
1.0V
COMPOUT
COMPIN
GND
L
O
G
I
C


Similar Part No. - ENA0649

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0649 SANYO-ENA0649 Datasheet
97Kb / 8P
   Bi-CMOS LSI Two channels Constant-current H-bridge Driver
ENA0649 SANYO-ENA0649 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
More results

Similar Description - ENA0649

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8080LP SANYO-LV8080LP_11 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8081GQ SANYO-LV8081GQ Datasheet
186Kb / 9P
   Two channels Constant-current H-bridge Driver
logo
ON Semiconductor
LV8080LP-TE-L-E ONSEMI-LV8080LP-TE-L-E Datasheet
93Kb / 8P
   Two channels Constant-current H-bridge Driver
June, 2013
logo
Sanyo Semicon Device
LV8082LP SANYO-LV8082LP Datasheet
71Kb / 6P
   Bi-CMOS LSI Two Constant-current H-Bridge Driver channels
LV8080LP SANYO-LV8080LP Datasheet
97Kb / 8P
   Bi-CMOS LSI Two channels Constant-current H-bridge Driver
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
logo
Integrated Silicon Solu...
IS31BL3230 ISSI-IS31BL3230 Datasheet
300Kb / 9P
   8 CHANNELS CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com