Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXS2005VLU80R Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PPXS2005VLU80R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXS2005VLU80R Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PPXS2005VLU80R Datasheet HTML 1Page - Freescale Semiconductor, Inc PPXS2005VLU80R Datasheet HTML 2Page - Freescale Semiconductor, Inc PPXS2005VLU80R Datasheet HTML 3Page - Freescale Semiconductor, Inc PPXS2005VLU80R Datasheet HTML 4Page - Freescale Semiconductor, Inc PPXS2005VLU80R Datasheet HTML 5Page - Freescale Semiconductor, Inc PPXS2005VLU80R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXS2005VLU80R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXS2005VLU80R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXS2005VLU80R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
4
1.2
Block diagram
Figure 1. PXD20 block diagram
RSDS
TCON
SMD
6x
SSD
Crossbar Switch (XBAR)
PXD20 Block Diagram
VREG
Oscillator
Interrupt
System
FMPLL x 2
Debug
JTAG
Controller
e200z4d Core
MMU
Z160
RSDS
RTC/32 kHz
2D
GFX
TCON
Oscillator
VIU2
DCU
Lite
DCU
Nexus
Class 3+
(4 KB I-Cache)
16-ch DMA
Crossbar Masters
Memory Protection Unit (MPU)
PIT
SWT
STM
2 MB
Flash
ECC
64 KB
SRAM
1 MB
Graphics
SRAM
RLE
Decode
Quad
SPI V02
DRAM
Interface
Communications I/O System
Crossbar Slaves
Boot
Assist
Module
(BAM)
eMIOS A
16-ch
eMIOS B
16-ch
3x
CAN
4x
UART/LIN
3x
SPI
4x
I2C
SGM
20-ch
ADC
10-bit
PBRIDGE
ADC
– Analog-to-digital converter
CAN
– Controller area network controller
DCU
– Display control unit
DMA
– Direct memory access controller
DRAM
– Dynamic random-access memory
ECC
– Error correction code
eMIOS
– Timed input/output
FMPLL
– Frequency-modulated phase-locked loop
GFX
– OpenVG graphics accelerator
I2C
– Inter-integrated circuit controller
JTAG
– Joint Test Action Group interface
MMU
– Memory management unit
PBRIDGE – Peripheral I/O bridge
PIT
– Periodic interrupt timer
RLE
– Run length encoding
RTC
– Real time clock
RSDS
– Reduced-swing differential sgnal interface
SGM
– Sound generator module
SMD SSD – Stepper motor driver/stepper stall detect
SPI
– Serial peripheral interface controller
SRAM
– Sraric random-access memory
STM
– System timer module
SWT
– Software watchdog timer
TCON
– Timing controller
UART/LIN – Universal asynchronous receiver/transmitter/
local interconnect network
VIU2
– Video input unit
VLE
– Variable-length execution set
VREG
– Voltage regulator


Similar Part No. - PPXS2005VLU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXS2005VLQ120R FREESCALE-PPXS2005VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
PPXS2005VLQ120R FREESCALE-PPXS2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PPXS2005VLQ80R FREESCALE-PPXS2005VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
PPXS2005VLQ80R FREESCALE-PPXS2005VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - PPXS2005VLU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com