Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8405V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV8405V
Description  2ch Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8405V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV8405V_12 Datasheet HTML 1Page - Sanyo Semicon Device LV8405V_12 Datasheet HTML 2Page - Sanyo Semicon Device LV8405V_12 Datasheet HTML 3Page - Sanyo Semicon Device LV8405V_12 Datasheet HTML 4Page - Sanyo Semicon Device LV8405V_12 Datasheet HTML 5Page - Sanyo Semicon Device LV8405V_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV8405V
No.A1340-2/6
Allowable Operating Conditions at Ta = 25
°C, SGND = PGND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage (VM pin)
VM
1.5 to 15.0
V
Power supply voltage (VCC pin)
VCC
2.8 to 5.5
V
Input signal voltage
VIN
0 to VCC
V
Input signal frequency
f max
200
kHz
Electrical Characteristics Ta
= 25°C, VCC = 3.0V, VM = 6.0V, SGND = PGND = 0V, unless otherwise specified.
Parameter
Symbol
Conditions
Remarks
Ratings
Unit
min
typ
max
Standby load current drain
IMO
VCC = 0V, VM = 6V
1
1.0
μA
Operating control current drain
IC1
When VCC is applied, with no load
2
0.85
1.2
mA
High-level input voltage
VIH
2.7
≤ VCC ≤ 5.5V
0.6
×VCC
VCC
V
Low-level input voltage
VIL
2.7
≤ VCC ≤ 5.5V
0
0.2
×VCC
V
High-level input current
(IN1, IN2, IN3, IN4)
IIH
IN1, IN2, IN3, IN4 = 3V
3
15
25
μA
Low-level input current
(IN1, IN2, IN3, IN4)
IIL
IN1, IN2, IN3, IN4 = 0V
3
-1.0
μA
Pull-down resistance value
(IN1-4)
RPD1
100
200
400
k
Ω
Charge pump voltage
VG
VCC + VM
8.5
9.0
9.5
V
Output ON resistance 1
RON1
Sum of top and bottom sides ON
resistance.
4
0.75
1.2
Ω
Output ON resistance 2
RON2
Sum of top and bottom sides ON
resistance. VCC = 2.8V
4
1.0
1.5
Ω
Low-voltage detection voltage
VCS
VCC pin voltage is monitored
5
2.15
2.30
2.45
V
Thermal shutdown temperature
Tth
Design guarantee value *
6
150
180
210
°C
Output block
Turn-on time
TPLH
7
0.2
0.4
μS
Turn-off time
TPHL
7
0.2
0.4
μS
* : Design guarantee value and no measurement is preformed.
Remarks
1. Current consumption when output at the VM pin is off.
2. Current consumption at the VCC pin when VCC is 3V and IN1 to IN4 are all 0V (standby mode).
3. Pins IN 1, 2, 3, and 4 are all pulled down.
4. Sum of upper and lower saturation voltages of OUT pin divided by the current.
5. All power transistors are turned off if a low VCC condition is detected.
6. All output transistors are turned off if the thermal protection circuit is activated. They are turned on again as the
temperature goes down.
7. Rising time from 10 to 90% and falling time from 90 to 10% are specified.


Similar Part No. - LV8405V_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8405V SANYO-LV8405V_11 Datasheet
127Kb / 6P
   2ch Forward/Reverse Motor Driver
More results

Similar Description - LV8405V_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8402V ONSEMI-LV8402V Datasheet
72Kb / 6P
   2ch Forward/Reverse Motor Driver
June, 2013
LV8402GP ONSEMI-LV8402GP Datasheet
117Kb / 6P
   2ch Forward/Reverse Motor Driver
August, 2013
LV8406T ONSEMI-LV8406T Datasheet
97Kb / 6P
   2ch Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8402V SANYO-LV8402V_12 Datasheet
106Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8406T SANYO-LV8406T Datasheet
101Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8402GP SANYO-LV8402GP Datasheet
134Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8405V SANYO-LV8405V_11 Datasheet
127Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8402GP SANYO-LV8402GP_12 Datasheet
136Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8406T SANYO-LV8406T_12 Datasheet
129Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8402V SANYO-LV8402V Datasheet
102Kb / 6P
   2ch Forward/Reverse Motor Driver
LV8406T SANYO-LV8406T_11 Datasheet
129Kb / 6P
   2ch Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com