Electronic Components Datasheet Search |
|
PAS314HR-VE5R Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc |
|
PAS314HR-VE5R Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc |
4 / 4 page 12 cap01_reli-PRP2 cap01_reli_e-01 ■ RELIABILITY DATA 260 Items Specifications Test Conditions, Remark HR type SR type 1. Operating Temperature range -20~+60℃ -25~+70℃ 2. Max. Usable Voltage 3.3V 2.5V(2.6V*) 3. Resistance to Reflow Soldering Heat Capacity/Capacitance : Within initial spec. Appearance : No noticeable abnormality Conduct reflow soldering twice according to the reflow soldering test condition mentioned below. (Conduct the reflow in the condition of the voltage of 0.3V or lower.) 4. Floating Charge Characteristics Capacity/Capacitance : Over 70% of initial spec. Appearance : No noticeable abnormality Apply a max.usage voltage to the capacitor for 500 hours at max. operating temp. and measure the floating charge characteristics after returning to normal temperature and humidity. 5. Charge/Discharge Cycle Characteristics Capacity/Capacitance : Over 50% of initial spec. Appearance : No noticeable abnormality Measure the charge/discharge cycle characteristics after the 10000 cycles of charge/discharge at 25±5 ℃ with the charge/discharge cycle test condition for each part. 6. Thermal Durability Capacity/Capacitance : Over 80% of initial spec. Appearance : No noticeable abnormality Leave the capacitor in an atmosphere of 85℃±2℃ and -30±2℃ consecutively for 96 hours each, and return to normal temperature and humidity. 7. Humidity Durability Capacity/Capacitance : Over 80% of initial spec. Appearance : No noticeable abnormality Temperature : 40±2℃, Humidity : 90~95%RH Leave the capacitor for under the condition for 96hours then return to normal temperature and humidity. 8. Vibration Durability No exterior abnormality observed : initial spec. values retained Apply a sine wave vibration of 1.5mm amplitude at frequency 10~55Hz, for 2hours per each direction (X,Y and Z) , for 6 hours in total. (*) : 2.6V for PAS311SR ◦Reflow Soldering Test Condition ◦Charge/Discharge Cycle Test Condition Part Number 311HR 409HR 414HR 311SR 414SR Charging/Discharging Resistance (Ω) 3000 3000 3000 150 150 Charging Voltage (V) 3.3 3.3 3.3 2.5 2.5 Charging Time (min.) 12 12 24 5 9 Discharging Time (min.) 3 3 6 0.5 1 Reflow profile with lead free condition Cautions : Do not charge prior to reflow, Set reflow condition within the range provided in "Specifications", which will be published separately. ■ PRECAUTIONS 1. Use under the maximum usable voltage. If over maximum usable voltage is applied, it might cause abnormal current flow, which shorten lifetime, leakage and sometimes damage PAS capacitor. 2. Use under maximum operating temperature. Not only shorter life time but also leakage and damage will happen by increasing internal pressure if PAS capacitor use in over max operating temperature. 3. Limited life time. Lifetime of PAS capacitor is greatly affected by surrounding temperature. 10℃ drop in temperature extend its expected lifetime approximately twice as much. Design a circuit under consideration of deterioration of electrical characteristics after long time usage, decreasing in capacitance and increasing in internal resis- tance. 4. The electrical characteristics of capacitors vary with respect to temperature. The electrical characteristics of PAS capacitors temporarily vary with respect to temperature separately from secular change mentioned above. Design a circuit under consideration of temperature characteristics. 5. PAS capacitor has polarity. PAS capacitor has polarity. Please check the polarity before use. It will be damage if it is reverse charged. 6. Mind high ripple current or rapid charge / discharge. In circuit with high ripple current or rapid charge / discharge, the lifetime of PAS capacitors might be shortened by self-heating. 7. Mind voltage drop when back-up. When back-up (discharging) starts, voltage drop because of active current and internal resistance. 8. Series connection. In case of using PAS capacitor in series connection, the voltage of each capacitor is not always equal and it may be occurred excessive voltage in a part of capaci- tor, which may lead to shortening lifetime and breakdown. Take a margin against a rated voltage or add a balancing resister. 9. Don’tcontact with wiring pattern during installing IfPAScapacitorcontactwithwiringpattern,itwillbeshortcircuit,andifthereiswiring patternunderneathofPAScapacitor,shortcircuitwouldoccurbydamageofresist. 10.Environmental of usage. In case PAS capacitor is used in high humidity, alkaline or acid air, it may cause deterio- rating of its performance and short circuit by corrosion of outer can or lead terminal. In addition, used in sudden temperature change or high humidity, it may cause deteriorat- ing of its performance and electrolyte leak by dew condensation. 11. Don’tapply shock and vibration or pressure. PAS capacitor is sensitive to shock. Don’tdrop PAS capacitor and not apply strong pressure to a body, terminals and lead. Soldering part or lead terminal might be damaged if applying vibration, shock and stress such as pinch, tip, push and twist after installed. 12.Soldering If next each item is not minded, it may cause deteriorating of its performance, leakage, shortening lifetime. ◦ Don’tcontact solder iron to a cell body. ◦ Don’tsolder over solder conditions in the spec. sheet. ◦ Don’tcharge/discharge before reflow. ※The use of the soldering iron is outside the guarantee of this product. 13.Mind cleaning condition when cleaning circuit-board after soldering. Cleaning may affect PAS capacitor. Consult us about cleaning conditions before- hand. Some cleaning conditions cause detrimental influence. 14. Storage Keep following cautions for storage of PAS capacitor ◦ Don’tstore in the high temperature and the high humidity condition and a place where receiving direct sunlight. Storing PAS capacitor in the room condition of 10℃ - 35℃ and less than 65% relative humidity is recommended. Sudden temperature change or high humidity may cause deteriorating of its character- istics and Soldering. ◦ Don’tstore PAS capacitor near water, salt water or oil, and it the dew conden- sation, gasified oil or salinity filled place. ◦ Don’tstore PAS capacitor in the hazardous gas (hydrogen sulfide, sulfurous, chlorine, ammonia, bromine, methyl bromine and etc) . ◦ Don’tfumigate by halogen fumigant. ◦ Don’tstore PAS capacitor near acid or alkaline solvent. ◦ Don’tstore PAS capacitor in a place where exposed to ozone, ultraviolet or x-ray. ◦ Don’tstore PAS capacitor in a place where vibration and shock might occur in. 15. Disposal Dispose PAS capacitor in accordance with local and country rules and regulations. 16. Usage PAS capacitor is developed on the assumption of the memory-backup & RTC for usage of information & communication equipment, home electronics, audio & visual equipment, office equipment and etc. Consult us about using high reliability and safety required products such as medical equipment, transportation equip- ment, industrial equipment, flight / space equipment and emergency equipment. 17. Other Notice ◦ Don’theat or throw PAS capacitor into fire. ◦ Don’tshort circuit. ◦ Don’tsolder directly to a cell body. ◦ Don’topen a body. ◦ Don’tdeform. ◦ Don’tapply pressure. *This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification. For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs. |
Similar Part No. - PAS314HR-VE5R |
|
Similar Description - PAS314HR-VE5R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |