Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXN1010VLU120R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PPXN1010VLU120R
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXN1010VLU120R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PPXN1010VLU120R Datasheet HTML 1Page - Freescale Semiconductor, Inc PPXN1010VLU120R Datasheet HTML 2Page - Freescale Semiconductor, Inc PPXN1010VLU120R Datasheet HTML 3Page - Freescale Semiconductor, Inc PPXN1010VLU120R Datasheet HTML 4Page - Freescale Semiconductor, Inc PPXN1010VLU120R Datasheet HTML 5Page - Freescale Semiconductor, Inc PPXN1010VLU120R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXN1010VLU120R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXN1010VLU120R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXN1010VLU120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Freescale Semiconductor
Product Brief
Document Number: PXD10PB
Rev. 1, 06/2011
Contents
© Freescale Semiconductor, Inc., 2011. All rights reserved.
The PXD10 family represents a new generation of 32-bit
microcontrollers based on the Power Architecture®.
These devices provide a cost-effective, single chip
display solution for the industrial market. An integrated
TFT driver with digital video input ability from an
external video source, significant on-chip memory, and
low power design methodologies provide flexibility and
reliability in meeting display demands in rugged
environments. The advanced processor core offers high
performance processing optimized for low power
consumption, operating at speeds as high as 64 MHz.
The family itself is fully scalable from 512 KB to 1 MB
internal flash memory. The memory capacity can be
further expanded via the on-chip QuadSPI serial flash
controller module. Larger memory versions with greater
graphics functionality are planned for the future.
The PXD10 family platform has a single level of
memory hierarchy supporting on-chip SRAM and flash
memories. The 1 MB flash version features 160 KB of
on-chip graphics SRAM to buffer cost effective color
PXD10 Product Brief
32-bit Power Architecture® Microcontrollers for Entry Level
Display Solutions
1
Application Examples . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.1
PXD10 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.2
PXD10 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . 4
2.3
Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.4
Module Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3
Developer Support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
4
Orderable Parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
5
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27


Similar Part No. - PPXN1010VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXN1010VLU120R FREESCALE-PPXN1010VLU120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - PPXN1010VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
NEC
E325 NEC-E325 Datasheet
700Kb / 2P
   NEC LCD 32 Entry Level Large Format Display
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com