Electronic Components Datasheet Search |
|
PPXN2010VLT120R Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc |
|
PPXN2010VLT120R Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 130 page Overview PXD20 Microcontroller Data Sheet, Rev. 2 Preliminary—Subject to Change Without Notice Freescale Semiconductor 5 1.3 Feature list • Dual-issue, 32-bit Power Architecture Book E compliant CPU core complex (e200z4d) — Memory Management Unit (MMU) — 4 KB, 2/4-way instruction cache • 2 MB on-chip ECC flash memory with: — Flash memory controller — Prefetch buffers • 64 KB on-chip ECC SRAM • 1 MB on-chip non-ECC graphics SRAM with two-port graphics SRAM controller • Memory Protection Unit (MPU) with up to 16 region descriptors and 32-byte region granularity to provide basic memory access permission and ensure separation between different codes and data • Interrupt Controller (INTC) with 181 peripheral interrupt sources and eight software interrupts • Two Frequency-Modulated Phase-Locked Loops (FMPLLs) — Primary FMPLL (FMPLL0) provides a system clock up to 125 MHz — Auxiliary FMPLL (FMPLL1) is available for use as an alternate, modulated or non-modulated clock source to eMIOS modules, QuadSPI and as alternate clock to the DCU and DCU-Lite for pixel clock generation • Crossbar switch architecture enables concurrent access of peripherals, flash memory or RAM from multiple bus masters • 16-channel Enhanced Direct Memory Access controller (eDMA) with multiple transfer request sources using a DMA channel multiplexer • Boot Assist Module (BAM) with 8 KB dedicated ROM for embedded boot code supports boot options including download of boot code via a serial link (CAN or SCI) • Two Display Control Units (DCU3 and DCULite) for direct drive of up to two TFT LCD displays up to XGA resolution • Timing Controller (TCON) and RSDS interface for the DCU3 module • 2D OpenVG 1.1 and raster graphics accelerator (GFX2D) • Video Input Unit (VIU2) supporting 8/10-bit ITU656 video input, YUV to RGB conversion, video down-scaling, de-interlacing, contrast adjustment and brightness adjustment. • DRAM controller supporting DDR1, DDR2, LPDDR1 and SDR DRAMs • Stepper Motor Controller (SMC) — High-current drivers for as many as six stepper motors driven in full dual H-bridge configuration — Stepper motor return-to-zero and stall detection module — Stepper motor short circuit detection • Sound Generator Module (SGM) — 4-channel mixer — Supports PCM wave playback and synthesized tones — Optional PWM or I2S outputs • Two 16-channel Enhanced Modular Input Output System (eMIOS) modules — Support a range of 16-bit Input Capture, Output Compare, Pulse Width Modulation and Quadrature Decode functions • 10-bit Analog-to-Digital Converter (ADC) with a maximum conversion time of 1 s — Up to 20 internal channels — Up to 8 external channels • Three Deserial Serial Peripheral Interface (DSPI) modules for full-duplex, synchronous, communications with external devices • QuadSPI serial flash memory controller — Supports single, dual and quad IO serial flash memory |
Similar Part No. - PPXN2010VLT120R |
|
Similar Description - PPXN2010VLT120R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |