Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXN2120VMG116 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPXN2120VMG116
Description  32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXN2120VMG116 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPXN2120VMG116 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXN2120VMG116 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXN2120VMG116 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXN2120VMG116 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXN2120VMG116 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXN2120VMG116 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXN2120VMG116 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXN2120VMG116 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXN2120VMG116 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PXN20 Product Brief, Rev. 1
Features
Freescale Semiconductor
8
—IEEE® 754 compatible with software wrapper
— Single precision in hardware; double precision with software library
— Conversion instructions between single precision floating point and fixed point
Wait instruction
Extensive system development support through Nexus debug module
2.6.2
I/O Processor High Performance e200z0 Core (IOP)
The IOP supports the following features:
High performance, low cost e200z0 core processor for managing peripherals and interrupts
Single issue 4-stage pipelined in-order execution, 32-bit Power Architecture® CPU
Variable length encoding (VLE), allowing mixed 16-bit and 32-bit instructions
— Results in efficient code size footprint
— Minimizes impact on performance
Branch processing acceleration using lookahead instruction buffer
Load/store unit
— 1-cycle load latency
— Misaligned access support
— No load-to-use pipeline bubbles
Thirty-two 32-bit general purpose registers (GPRs)
Hardware vectored interrupt support
Reservation instructions for implementing read-modify-write constructs
Multi-cycle divide (divw) and load multiple (lmw) store multiple (smw) multiple class
instructions, can be interrupted to prevent increases in interrupt latency
Extensive system development support through Nexus debug port
2.6.3
On-Chip Flash
On-chip flash on the PXN20 devices features the following:
2 MB burst flash memory
— Flash partitioning: 4
 16 KB; 4  16 KB; 2  64 KB; 2  128 KB; 6  256 KB
— 16 KB shadow flash blocks
— Typical flash access time: 0 wait-state for buffer hits, 3 wait-states for page buffer miss at
116 MHz
— 64-bit ECC with single-bit correction, double-bit detection for data integrity
Dual flash ports to minimize access contention between main core and IOP
— Each port supported with separate page buffers
Flash page buffers to improve access time to code and data held in flash
—4
 128-bit page buffers with programmable prefetch control for flash access


Similar Part No. - MPXN2120VMG116

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXN2005VLQ120R FREESCALE-MPXN2005VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXN2005VLQ120R FREESCALE-MPXN2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXN2005VLQ80R FREESCALE-MPXN2005VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXN2005VLQ80R FREESCALE-MPXN2005VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXN2005VLT120R FREESCALE-MPXN2005VLT120R Datasheet
778Kb / 130P
   PXD20 Microcontroller
More results

Similar Description - MPXN2120VMG116

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
TWR-PXS3020 FREESCALE-TWR-PXS3020 Datasheet
460Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Industrial Control and Safety Applications
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
logo
NXP Semiconductors
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
MPC8548EPXAUJB FREESCALE-MPC8548EPXAUJB Datasheet
849Kb / 151P
   High-performance 32-bit core built on Power Architecture짰 technology.
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com