Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXR4040VVU264R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXR4040VVU264R
Description  PXR40 Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXR4040VVU264R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXR4040VVU264R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXR4040VVU264R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXR4040VVU264R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXR4040VVU264R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXR4040VVU264R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXR4040VVU264R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXR4040VVU264R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXR4040VVU264R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXR4040VVU264R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: PXR40
Rev. 1, 09/2011
© Freescale Semiconductor, Inc., 2011. All rights reserved.
PXR40
TEPBGA–416
27mm x 27mm
• Dual issue, 32-bit CPU core complex (e200z7)
– Compliant with the Power Architecture embedded
category
– 16 KB I-Cache and 16 KB D-Cache
– Includes an instruction set enhancement allowing
variable length encoding (VLE), optional encoding of
mixed 16-bit and 32-bit instructions, for code size
footprint reduction
– Includes signal processing extension (SPE2) instruction
support for digital signal processing (DSP) and
single-precision floating point operations
• 4 MB on-chip flash
– Supports read during program and erase operations, and
multiple blocks allowing EEPROM emulation
• 256 KB on-chip general-purpose SRAM including 32 KB
of standby RAM
• Two direct memory access controller (eDMA2) blocks
– One supporting 64 channels
– One supporting 32 channels
• Interrupt controller (INTC)
• Frequency modulated phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to
peripherals, flash, or RAM from multiple bus masters
• External bus interface (EBI) for calibration and application
development (not available on all packages)
• System integration unit (SIU)
• Error correction status module (ECSM)
• Boot assist module (BAM) supports serial bootload via
CAN or SCI
• Two second-generation enhanced time processor units
(eTPU2) that share code and data RAM.
– 32 standard channels per eTPU2
– 24 KB code RAM
– 6 KB parameter (data) RAM
• Enhanced modular input output system supporting 32
unified channels (eMIOS) with each channel capable of
single action, double action, pulse width modulation
(PWM) and modulus counter operation
• Four enhanced queued analog-to-digital converters
(eQADC)
– Support for 64 analog channels
– Includes one absolute reference ADC channel
– Includes eight decimation filters
• Four deserial serial peripheral interface (SPI) modules
• Three enhanced serial communication interface (UART)
modules
• Four controller area network (CAN) modules
• Dual-channel FlexRay controller
• Nexus development interface (NDI) per IEEE-ISTO
5001-2003/5001-2008 standard
• Device and board test support per Joint Test Action Group
(JTAG) (IEEE 1149.1)
• On-chip voltage regulator controller regulates supply
voltage down to 1.2 V for core logic
PXR40 Microcontroller Data
Sheet


Similar Part No. - MPXR4040VVU264R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXR4040VVU264R FREESCALE-MPXR4040VVU264R Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
More results

Similar Description - MPXR4040VVU264R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40RM FREESCALE-PXR40RM Datasheet
7Mb / 1434P
   PXR40 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com