Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX259AK Datasheet(PDF) 4 Page - Sony Corporation

Part # ICX259AK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX259AK Datasheet(HTML) 4 Page - Sony Corporation

  ICX259AK Datasheet HTML 1Page - Sony Corporation ICX259AK Datasheet HTML 2Page - Sony Corporation ICX259AK Datasheet HTML 3Page - Sony Corporation ICX259AK Datasheet HTML 4Page - Sony Corporation ICX259AK Datasheet HTML 5Page - Sony Corporation ICX259AK Datasheet HTML 6Page - Sony Corporation ICX259AK Datasheet HTML 7Page - Sony Corporation ICX259AK Datasheet HTML 8Page - Sony Corporation ICX259AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
– 4 –
ICX259AK
R
φH
R
φH
H
φ2
H
φ1
C
φH1
C
φH2
C
φHH
V
φ1
C
φV12
V
φ2
V
φ4
V
φ3
C
φV34
C
φV23
C
φV41
C
φV13
C
φV24
C
φV1
C
φV2
C
φV4
C
φV3
RGND
R4
R1
R3
R2
Vertical transfer clock equivalent circuit
Horizontal transfer clock equivalent circuit
R
φRG
RG
φ
C
φRG
Reset gate clock equivalent circuit
Item
Capacitance between vertical transfer
clock and GND
C
φV1, CφV3
C
φV2, CφV4
C
φV12, CφV34
C
φV23, CφV41
C
φV13
C
φV24
C
φH1, CφH2
C
φHH
C
φRG
C
φSUB
R1, R3
R2, R4
RGND
R
φH
R
φRG
1200
1000
680
330
100
100
75
30
5
270
82
120
100
15
50
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
Capacitance between vertical transfer
clocks
Capacitance between horizontal
transfer clock and GND
Capacitance between horizontal
transfer clocks
Capacitance between reset gate clock
and GND
Capacitance between substrate clock
and GND
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Reset gate clock series resistor
Symbol
Min.
Typ.
Max.
Unit
Remarks
Clock Equivalent Circuit Constant


Similar Part No. - ICX259AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
More results

Similar Description - ICX259AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com