Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXD2005VMM80R Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PPXD2005VMM80R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXD2005VMM80R Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PPXD2005VMM80R Datasheet HTML 3Page - Freescale Semiconductor, Inc PPXD2005VMM80R Datasheet HTML 4Page - Freescale Semiconductor, Inc PPXD2005VMM80R Datasheet HTML 5Page - Freescale Semiconductor, Inc PPXD2005VMM80R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXD2005VMM80R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXD2005VMM80R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXD2005VMM80R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXD2005VMM80R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXD2005VMM80R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Features
PXS20 Product Brief, Rev. 1
Freescale Semiconductor
7
— Selectable pull-up, pull-down or no pull on all pins on all SIU controlled pins
— Selectable open drain
Redundant temperature sensors in separate safety channels
Multiple low/high voltage detector and inhibit units
— High voltage detection and inhibit with off-line testing capability on 1.2 V only
— Low voltage detection and inhibit with off-line testing capability on 1.2 V and 3.3 V supply
Redundant bandgap to duplicate internal reference
Deep N-well and wide column multiplexing where required to reduce Soft error rate (SER) effect
for SRAM
Physical separation of replicated functional blocks achieved by layout
2.4
Modes of Operation
PXS20 devices can operate in two modes of operation:
Lock Step Mode (LSM)
Decoupled Parallel Mode (DPM)
One of the two modes is statically selected at power-up. The selected mode may be changed only going
through a full power-on reset.
2.4.1
Lock Step Mode (LSM)
Lock Step Mode (LSM) allows reaching the highest safety level. It has been defined to allow reaching
SIL3 with minimum software overhead.
The Sphere of Replication (SoR) refers to a set of replicated IP modules where at the outputs a formal
check is performed to ensure that the same operations or transactions are executed on a clock per clock
basis (Lock Step Mode of operation).
The current concept assumes as premise that the most important goal for a functional safety SIL3-capable
device is to detect (or diagnose) faults as they leave the SoR. In fact, a fault as long as it remains confined
within the SoR and therefore will not generate an action visible outside the SoC or influence the effective
operability of the periphery (and so the ECU), is not to be considered as a dangerous fault.
The presence of checkers (RC) at the outputs of the SoR for the periphery bus, the flash-memory
subsystem and the SRAM subsystem represents a minimum guarantee that non-common cause faults are
detected when the two channels redundantly are merged into a single actuator or recipient, on the action
that is to be performed.
2.4.2
Decoupled Parallel Mode (DPM)
In Decoupled Parallel Mode (DPM) , each CPU core and connected channel run independently from the
other one and redundancy checkers (RC) are disabled.


Similar Part No. - PPXD2005VMM80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXD2005VMM80R FREESCALE-PPXD2005VMM80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - PPXD2005VMM80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com