Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXN2005VLQ120R Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PPXN2005VLQ120R
Description  PXS20 Microcontroller
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXN2005VLQ120R Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PPXN2005VLQ120R Datasheet HTML 4Page - Freescale Semiconductor, Inc PPXN2005VLQ120R Datasheet HTML 5Page - Freescale Semiconductor, Inc PPXN2005VLQ120R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXN2005VLQ120R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXN2005VLQ120R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXN2005VLQ120R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXN2005VLQ120R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXN2005VLQ120R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXN2005VLQ120R Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 119 page
background image
PXS20 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
8
— Misaligned access support
— Single stall cycle on load to use
Single-cycle throughput (2-cycle latency) integer 32 × 32 multiplication
4 – 14 cycles integer 32 × 32 division (average division on various benchmark of nine cycles)
Single precision floating-point unit
— 1 cycle throughput (2-cycle latency) floating-point 32 × 32 multiplication
— Target 9 cycles (worst case acceptable is 12 cycles) throughput floating-point 32 × 32 division
— Special square root and min/max function implemented
Signal processing support: APU-SPE 1.1
— Support for vectorized mode: as many as two floating-point instructions per clock
Vectored interrupt support
Reservation instruction to support read-modify-write constructs
Extensive system development and tracing support via Nexus debug port
1.5.2
Crossbar Switch (XBAR)
The XBAR multi-port crossbar switch supports simultaneous connections between four master ports and three slave ports. The
crossbar supports a 32-bit address bus width and a 64-bit data bus width.
The crossbar allows four concurrent transactions to occur from any master port to any slave port, although one of those transfers
must be an instruction fetch from internal flash memory. If a slave port is simultaneously requested by more than one master
port, arbitration logic selects the higher priority master and grants it ownership of the slave port. All other masters requesting
that slave port are stalled until the higher priority master completes its transactions.
The crossbar provides the following features:
4 masters and 3 slaves supported per each replicated crossbar
— Masters allocation for each crossbar: e200z4d core with two independent bus interface units (BIU) for I and D
access (2 masters), one eDMA, one FlexRay
— Slaves allocation for each crossbar: a redundant flash-memory controller with 2 slave ports to guarantee maximum
flexibility to handle Instruction and Data array, one redundant SRAM controller with 1 slave port each and 1
redundant peripheral bus bridge
32-bit address bus and 64-bit data bus
Programmable arbitration priority
— Requesting masters can be treated with equal priority and are granted access to a slave port in round-robin method,
based upon the ID of the last master to be granted access or a priority order can be assigned by software at
application run time
Temporary dynamic priority elevation of masters
The XBAR is replicated for each processor.
1.5.3
Memory Protection Unit (MPU)
The Memory Protection Unit splits the physical memory into 16 different regions. Each master (eDMA, FlexRay, CPU) can be
assigned different access rights to each region.
16-region MPU with concurrent checks against each master access
32-byte granularity for protected address region
The memory protection unit is replicated for each processor.


Similar Part No. - PPXN2005VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXN2005VLQ120R FREESCALE-PPXN2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - PPXN2005VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS20RM FREESCALE-PXS20RM Datasheet
7Mb / 1368P
   PXS20 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com