Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXN2005VMM120R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PPXN2005VMM120R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXN2005VMM120R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PPXN2005VMM120R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXN2005VMM120R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXN2005VMM120R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXN2005VMM120R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXN2005VMM120R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXN2005VMM120R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXN2005VMM120R Datasheet HTML 12Page - Freescale Semiconductor, Inc PPXN2005VMM120R Datasheet HTML 13Page - Freescale Semiconductor, Inc PPXN2005VMM120R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
10
Reservation instruction to support read-modify-write constructs
Extensive system development and tracing support via Nexus debug port
2.5.2
Crossbar Switch (XBAR)
The XBAR multi-port crossbar switch supports simultaneous connections between four master ports and
three slave ports. The crossbar supports a 32-bit address bus width and a 64-bit data bus width.
The crossbar allows four concurrent transactions to occur from any master port to any slave port, although
one of those transfers must be an instruction fetch from internal flash memory. If a slave port is
simultaneously requested by more than one master port, arbitration logic selects the higher priority master
and grants it ownership of the slave port. All other masters requesting that slave port are stalled until the
higher priority master completes its transactions.
The crossbar provides the following features:
4 masters and 3 slaves supported per each replicated crossbar
— Masters allocation for each crossbar: e200z4d core with two independent bus interface units
(BIU) for I and D access (2 masters), one eDMA, one FlexRay
— Slaves allocation for each crossbar: a redundant flash-memory controller with 2 slave ports to
guarantee maximum flexibility to handle Instruction and Data array, one redundant SRAM
controller with 1 slave port each and 1 redundant peripheral bus bridge
32-bit address bus and 64-bit data bus
Programmable arbitration priority
— Requesting masters can be treated with equal priority and are granted access to a slave port in
round-robin method, based upon the ID of the last master to be granted access or a priority
order can be assigned by software at application run time
Temporary dynamic priority elevation of masters
The XBAR is replicated for each processor.
2.5.3
Memory Protection Unit (MPU)
The Memory Protection Unit splits the physical memory into 16 different regions. Each master (eDMA,
FlexRay, CPU) can be assigned different access rights to each region.
16-region MPU with concurrent checks against each master access
32-byte granularity for protected address region
The memory protection unit is replicated for each processor.
2.5.4
Enhanced Direct Memory Access (eDMA)
The enhanced direct memory access (eDMA) controller is a second-generation module capable of
performing complex data movements via 16 programmable channels, with minimal intervention from the
host processor. The hardware microarchitecture includes a DMA engine which performs source and
destination address calculations, and the actual data movement operations, along with an SRAM-based


Similar Part No. - PPXN2005VMM120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXN2005VMM120R FREESCALE-PPXN2005VMM120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - PPXN2005VMM120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com