Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5367QI Datasheet(PDF) 9 Page - Enpirion, Inc.

Part # EN5367QI
Description  6A Synchronous Highly Integrated DC-DC PowerSoC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5367QI Datasheet(HTML) 9 Page - Enpirion, Inc.

Back Button EN5367QI Datasheet HTML 5Page - Enpirion, Inc. EN5367QI Datasheet HTML 6Page - Enpirion, Inc. EN5367QI Datasheet HTML 7Page - Enpirion, Inc. EN5367QI Datasheet HTML 8Page - Enpirion, Inc. EN5367QI Datasheet HTML 9Page - Enpirion, Inc. EN5367QI Datasheet HTML 10Page - Enpirion, Inc. EN5367QI Datasheet HTML 11Page - Enpirion, Inc. EN5367QI Datasheet HTML 12Page - Enpirion, Inc. EN5367QI Datasheet HTML 13Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
07013
October 25, 2012
Rev: C
EN5367QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 9
Typical Performance Curves (Continued)
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0.1A
LOAD = 2A
LOAD = 4A
LOAD = 6A
LOAD = 8A
CONDITIONS
VIN = 3.3V
VOUT_NOM = 1.8V
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0.1A
LOAD = 2A
LOAD = 4A
LOAD = 6A
LOAD = 8A
CONDITIONS
VIN = 4.3V
VOUT_NOM = 1.8V
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0.1A
LOAD = 2A
LOAD = 4A
LOAD = 6A
LOAD = 8A
CONDITIONS
VIN = 5.0V
VOUT_NOM = 1.8V
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0.1A
LOAD = 2A
LOAD = 4A
LOAD = 6A
LOAD = 8A
CONDITIONS
VIN = 5.5V
VOUT_NOM = 1.8V
2.000
2.500
3.000
3.500
4.000
4.500
5.000
5.500
6.000
55
60
65
70
75
80
85
AMBIENT TEMPERATURE ( C)
Output Current De-rating
VOUT = 1.8V
VOUT = 2.5V
CONDITIONS
VIN = 3.3V
TJMAX = 125 C
θJA = 22 C/W
5.5x10x3mm QFN
No Air Flow
2.000
2.500
3.000
3.500
4.000
4.500
5.000
5.500
6.000
55
60
65
70
75
80
85
AMBIENT TEMPERATURE ( C)
Output Current De-rating
VOUT = 1.0V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
CONDITIONS
VIN = 5.0V
TJMAX = 125 C
θJA = 22 C/W
5.5x10x3mm QFN
No Air Flow


Similar Part No. - EN5367QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
More results

Similar Description - EN5367QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN63A0QI ENPIRION-EN63A0QI Datasheet
1Mb / 24P
   12A Synchronous Highly Integrated DC-DC PowerSoC
EN6360QI ENPIRION-EN6360QI Datasheet
1Mb / 24P
   8A Synchronous Highly Integrated DC-DC PowerSoC
logo
Altera Corporation
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EV1380QI ENPIRION-EV1380QI Datasheet
338Kb / 16P
   8a synchronous highly integrated dc-dc
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
   2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5319QI ALTERA-EN5319QI Datasheet
856Kb / 20P
   1.5A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com