Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5339QI-E Datasheet(PDF) 11 Page - Enpirion, Inc.

Part # EN5339QI-E
Description  3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5339QI-E Datasheet(HTML) 11 Page - Enpirion, Inc.

Back Button EN5339QI-E Datasheet HTML 7Page - Enpirion, Inc. EN5339QI-E Datasheet HTML 8Page - Enpirion, Inc. EN5339QI-E Datasheet HTML 9Page - Enpirion, Inc. EN5339QI-E Datasheet HTML 10Page - Enpirion, Inc. EN5339QI-E Datasheet HTML 11Page - Enpirion, Inc. EN5339QI-E Datasheet HTML 12Page - Enpirion, Inc. EN5339QI-E Datasheet HTML 13Page - Enpirion, Inc. EN5339QI-E Datasheet HTML 14Page - Enpirion, Inc. EN5339QI-E Datasheet HTML 15Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
06903
September 12, 2012
Rev: B
EN5339QI
©
Enpirion 2012 all rights reserved, E&OE
www.enpirion.com, Page 11
Functional Block Diagram
Figure 4: Functional Block Diagram
Functional Description
Overview
The EN5339QI is a highly integrated synchronous
buck converter with an internal inductor utilizing
advanced CMOS technology to provide high
switching frequency, while also maintaining high
efficiency. The EN5339QI is a high power density
device packaged in a tiny 4x6x1.1mm 24-pin QFN
package. Its high switching frequency allows for the
use of very small MLCC input and output filter
capacitors and results in a total solution size as
small as 55mm
2.
The EN5339QI buck converter uses Type III
voltage mode control to provide pin-point output
voltage accuracy, high noise immunity, low output
impedance and excellent load transient response.
The EN5339QI features include Power OK, under
voltage lockout (UVLO), over current protection,
short circuit protection, and thermal overload
protection.
Stability and Compensation
The EN5339QI utilizes an internal compensation
network that is designed to provide stable operation
over a wide range of operating conditions. The
output compensation circuit may be customized to
improve transient performance or reduce output
voltage ripple with dynamic loads.
Soft-Start
The EN5339QI has an internal soft-start circuit that
controls the ramp of the output voltage. The control
circuitry limits the VOUT ramp rate to levels that are
safe for the Power MOSFETs and the integrated
inductor.
The EN5339QI has a constant startup up time
which is independent of the VOUT setting. The
output rising slew rate is proportional to the output
voltage. The startup time is approximately 1.4ms
from when the ENABLE is first pulled high until
VOUT reaches the regulated voltage level.


Similar Part No. - EN5339QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5339QI ALTERA-EN5339QI Datasheet
1Mb / 20P
   Converter with Integrated Inductor
More results

Similar Description - EN5339QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
   2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5319QI ALTERA-EN5319QI Datasheet
856Kb / 20P
   1.5A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EP53F8QI ENPIRION-EP53F8QI Datasheet
265Kb / 11P
   1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com