Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD1010VLQ64 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXD1010VLQ64
Description  PXD10 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD1010VLQ64 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXD1010VLQ64 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXD1010VLQ64 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXD1010VLQ64 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD1010VLQ64 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD1010VLQ64 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD1010VLQ64 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD1010VLQ64 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD1010VLQ64 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD1010VLQ64 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
2
1
Overview
1.1
Document overview
This document describes the device features and highlights important electrical and physical
characteristics. For functional characteristics, see the PXD10 Microcontroller Reference Manual.
1.2
Description
The PXD10 family of chips is designed to enable the development of industrial HMI applications by
providing a single-chip solution capable of hosting real-time applications and driving a TFT display
directly using an on-chip color TFT display controller.
PXD10 chips incorporate a cost-efficient host processor core compliant with the Power Architecture®
embedded category. The processor is 100% user-mode compatible with the Power Architecture and
capitalizes on the available development infrastructure of current Power Architecture devices with full
support from available software drivers, operating systems and configuration code to assist with users'
implementations.
Offering high performance processing at speeds up to 64 MHz, the PXD10 family is optimized for low
power consumption and supports a range of on-chip SRAM and internal flash memory sizes. The version
with 1 MB of flash memory (PXD1010) features 160 KB of on-chip graphics SRAM.
See Table 1 for specific memory and feature sets of the product family members.
1.3
Device comparison
Table 1. PXD10 family feature set
Feature
PXD1005
PXD1010
CPU
e200z0h
Execution speed
Static – 64 MHz
Flash (ECC)
512 KB
1 MB
EEPROM Emulation Block (ECC)
4 × 16 KB
RAM (ECC)
48 KB
Graphics RAM
No
160 KB
MPU
12 entry
eDMA
16 channels
Display Control Unit (DCU)
No
Yes
Parallel Data Interface
No
Yes
Stepper Motor Controller (SMC)
6 motors
Stepper Stall Detect (SSD)
Yes
Sound Generation Logic (SGL)
Yes


Similar Part No. - MPXD1010VLQ64

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXD1010VLQ64 FREESCALE-MPXD1010VLQ64 Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXD1010VLQ64R FREESCALE-MPXD1010VLQ64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - MPXD1010VLQ64

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
   PXD10 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com