Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBJTE25S Datasheet(PDF) 7 Page - ITT Industries

Part # DBJTE25S
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBJTE25S Datasheet(HTML) 7 Page - ITT Industries

Back Button DBJTE25S Datasheet HTML 3Page - ITT Industries DBJTE25S Datasheet HTML 4Page - ITT Industries DBJTE25S Datasheet HTML 5Page - ITT Industries DBJTE25S Datasheet HTML 6Page - ITT Industries DBJTE25S Datasheet HTML 7Page - ITT Industries DBJTE25S Datasheet HTML 8Page - ITT Industries DBJTE25S Datasheet HTML 9Page - ITT Industries DBJTE25S Datasheet HTML 10Page - ITT Industries DBJTE25S Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
6
D Subminiature
D*M
Straight Solder Termination (Machined) — Standard PC Tails
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
6,84 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Part Numbers
Shell Size
Layout
Standoff
Standoff &
Boardlock
Standoff, Boardlock &
Screw Lock
DE
9
DEMV9PNK87
DEMZ9PNK87
DEMN9PNK87
DA
15
DAMV15PNK87
DAMZ15PNK87
DAMN15PNK87
DB
25
DBMV25PNK87
DBMZ25PNK87
DBMN25PNK87
DC
37
DCMV37PNK87
DCMZ37PNK87
DCMN37PNK87
DD
50
DDMV50PNK87
DDMZ50PNK87
DDMN50PNK87
Note: For contacts with 30 microinches gold substitute K127 for K87. Example: DEMN9PNK127
Plug
L
5,69
(.224)
2,84
(.112)
F
W
2,84
(.112)
Engaging Face
Hardware removed for clarity
Hardware removed for clarity
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
A
C
B
E
D
10
°
POSITION 1
Ø 0,76
(.030)
2,92
(.115)
6,50
± 0,25
(.256
± .010)
SCREW LOCK
# 4-40 UNC
BOARDLOCK
4,52
(.178)
7,62
± 0,25
(.300
± .010)
STANDOFF
# 4-40 UNC


Similar Part No. - DBJTE25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBJ-5R5D104T ETC2-DBJ-5R5D104T Datasheet
115Kb / 1P
   5.5V Low profile and high temperature Capacitors
DBJ-5R5D105T ETC2-DBJ-5R5D105T Datasheet
115Kb / 1P
   5.5V Low profile and high temperature Capacitors
DBJ-5R5D224T ETC2-DBJ-5R5D224T Datasheet
115Kb / 1P
   5.5V Low profile and high temperature Capacitors
DBJ-5R5D334T ETC2-DBJ-5R5D334T Datasheet
115Kb / 1P
   5.5V Low profile and high temperature Capacitors
DBJ-5R5D473T ETC2-DBJ-5R5D473T Datasheet
115Kb / 1P
   5.5V Low profile and high temperature Capacitors
More results

Similar Description - DBJTE25S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com