Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-210-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK672-210-E
Description  Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-210-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672-210-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STK672-210-E
No. 7464-7/10
t1: The time until the winding current reaches its rated current (IOH)
t2: The time in the constant-current control (PWM) region
t3: The time from the point a phase signal is cut until the back EMF current is dissipated.
t1 = (–L/(R + 0.77)) In (1 – ((R + 0.77)/VCC1) × IOH)
t3 = (–L/R) In ((VCC1 + 0.77) / (IOH × R + VCC1 + 0.77))
VCC1: Motor supply voltage (V)
L: Motor inductance (H)
R: Motor winding resistance (
Ω)
IOH: Set motor output current wave height (A)
The constant-current control time t2, and the time T (= t1 + t2 + t3) that the phase signal is on in each excitation mode
are as follows.
2 phase excitation mode: t2 = (2/Clock) – (t1 + t3)
1-2 phase excitation mode: t2 = (3/Clock) – t1
Determine the values for Vsat and Vdf by substitution using the graphs for Vsat vs IOH and Vdf vs IOH for the set
current value for IOH. Then judge whether or not a heat sink is required from the determined average power dissipation
for the STK672-210-E by comparison with the
ΔTc vs. Pd graph.
Note that it is necessary to check the temperature rise in the actual application system case, since the STK672-210-E
substrate temperature Tc changes with the air convection conditions around the STK672-210-E when a heat sink
without fins is used.
ITF02291
0
0.5
1.0
1.5
2.0
2.5
Output current, IO - A
Vsat - IO
0
1.0
1.5
2.0
2.5
3.0
3.5
0.5
ITF02292
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Output current, If - A
Vdf - If
0.4
1.7
0
0.1
0.2
0.3
0.8
0.5
0.6
0.7
1.5
1.6
1.4
1.2
1.3
1.1
0.9
1.0
Tc
=1
05
°C
25
°C
10
5°C
Tc
=2
5°C
ITF02294
0
20
40
60
80
100
120
Substrate temperature, Tc - °C
IIH - Tc
1000
7
5
3
2
100
7
5
3
2
10
1.0
7
5
3
2
ITF02293
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Motor current, IOH - A
Vref - IOH
0.10
0.45
0.40
0
0.05
0.20
0.15
0.35
0.30
0.25
IIH
IIL


Similar Part No. - STK672-210-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results

Similar Description - STK672-210-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Toshiba Semiconductor
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com