Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXR1010VLU120R Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SPXR1010VLU120R
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXR1010VLU120R Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SPXR1010VLU120R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPXR1010VLU120R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPXR1010VLU120R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXR1010VLU120R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXR1010VLU120R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXR1010VLU120R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXR1010VLU120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXR1010VLU120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXR1010VLU120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Features
PXD10 Product Brief, Rev. 1
Freescale Semiconductor
5
2.3
Package
The PXD10 microcontrollers are offered in the following packages:
144 LQFP, 0.5 mm pitch, 20 mm x 20 mm outline
176 LQFP, 0.5 mm pitch, 24 mm x 24 mm outline
2.4
Module features
2.4.1
Low-power operation
PXD10 devices are designed for optimized low-power operation and dynamic power management of the
core processor and peripherals. Power management features include software-controlled clock gating of
peripherals and multiple power domains to minimize leakage in low-power modes.
There are two static low-power modes, STANDBY and STOP, and two dynamic power modes—RUN and
HALT. Both low power modes use clock gating to halt the clock for all or part of the device. The
STANDBY mode also uses power gating to automatically turn off the power supply to parts of the device
to minimize leakage.
STANDBY mode turns off the power to the majority of the chip to offer the lowest power consumption
mode. The contents of the cores, on-chip peripheral registers and potentially some of the volatile memory
are lost. STANDBY mode is configurable to make certain features available with the disadvantage that
these consume additional current:
It is possible to retain the contents of the full RAM or only 8 KB.
It is possible to enable the internal 16 MHz or 128 kHz RC oscillator, the external 4–16 MHz
oscillator, or the external 32 KHz oscillator.
It is possible to keep the LCD module active.
The device can be awakened from STANDBY mode via from any of up to 19 I/O pins, a reset or from a
periodic wake-up using a low power oscillator.
STOP mode maintains power to the entire device allowing the retention of all on-chip registers and
memory, and providing a faster recovery low power mode than the lowest STANDBY mode. There is no
need to reconfigure the device before executing code. The clocks to the core and peripherals are halted and
can be optionally stopped to the oscillator or PLL at the expense of a slower start-up time.
STOP is entered from RUN mode only. Wake-up from STOP mode is triggered by an external event or by
the internal periodic wake-up, if enabled.
RUN modes are the main operating mode where the entire device can be powered and clocked and from
which most processing activity is done. Four dynamic RUN modes are supported—RUN0 - RUN3. The
ability to configure and select different RUN modes enables different clocks and power configurations to
be supported with respect to each other and to allow switching between different operating conditions. The


Similar Part No. - SPXR1010VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXR1010VLU120R FREESCALE-SPXR1010VLU120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - SPXR1010VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
NEC
E325 NEC-E325 Datasheet
700Kb / 2P
   NEC LCD 32 Entry Level Large Format Display
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com