Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1254A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # ENA1254A
Description  Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1254A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button ENA1254A Datasheet HTML 4Page - Sanyo Semicon Device ENA1254A Datasheet HTML 5Page - Sanyo Semicon Device ENA1254A Datasheet HTML 6Page - Sanyo Semicon Device ENA1254A Datasheet HTML 7Page - Sanyo Semicon Device ENA1254A Datasheet HTML 8Page - Sanyo Semicon Device ENA1254A Datasheet HTML 9Page - Sanyo Semicon Device ENA1254A Datasheet HTML 10Page - Sanyo Semicon Device ENA1254A Datasheet HTML 11Page - Sanyo Semicon Device ENA1254A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
STK672-340-E
No.A1254-8/13
4. STK672-340-E Allowable Avalanche Energy Value
[Allowable Range in Avalanche Mode]
When driving a 2-phase stepping motor with constant current chopping using an STK672-3** Series hybrid IC, the
waveforms shown in Figure 7 below result for the output current, ID, and voltage, VDS.
Figure 7 Output Current, ID, and Voltage, VDS, Waveforms 1 of the STK672-3** Series when
Driving a 2-Phase Stepping Motor with Constant Current Chopping
When operations of the MOSFET built into STK672-3** Series ICs is turned off for constant current chopping,
the ID signal falls like the waveform shown in the figure above. At this time, the output voltage, VDS, suddenly
rises due to electromagnetic induction generated by the motor coil.
In the case of voltage that rises suddenly, voltage is restricted by the MOSFET VDSS. Voltage restriction by
VDSS results in a MOSFET avalanche. During avalanche operations, ID flows and the instantaneous energy at
this time, EAVL1, is represented by Equation (1).
EAVL1=VDSS×IAVL×0.5×tAVL ------------------------------------------- (1)
VDSS: V units, IAVL: A units, tAVL: sec units
The coefficient 0.5 in Equation (1) is a constant required to convert the IAVL triangle wave to a
square wave.
During STK672-3** Series operations, the waveforms in the figure above repeat due to the constant current
chopping operation. The allowable avalanche energy, EAVL, is therefore represented by Equation (2) used to find
the average power loss, PAVL, during avalanche mode multiplied by the chopping frequency in Equation (1).
PAVL=VDSS×IAVL×0.5×tAVL×fc ------------------------------------------- (2)
fc: Hz units (fc is set to the PWM frequency of 50kHz.)
For VDSS, IAVL, and tAVL, be sure to actually operate the STK672-3** Series and substitute values when
operations are observed using an oscilloscope.
Ex. If VDSS=110V, IAVL=1A, tAVL=0.2μs when using a STK672-340-E driver, the result is:
PAVL=110
×1×0.5×0.2×10-6×50×103=0.55W
VDSS=110V is a value actually measured using an oscilloscope.
The allowable loss range for the allowable avalanche energy value, PAVL, is shown in the graph in Figure 9.
When examining the avalanche energy, be sure to actually drive a motor and observe the ID, VDSS, and tAVL
waveforms during operation, and then check that the result of calculating Equation (2) falls within the allowable
range for avalanche operations.
VDSS: Voltage during avalanche operations
IOH: Motor current peak value
IAVL: Current during avalanche operations
tAVL: Time of avalanche operations
VDS
ID
ITF02557


Similar Part No. - ENA1254A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1250 SANYO-ENA1250 Datasheet
86Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
ENA1250A SANYO-ENA1250A Datasheet
145Kb / 7P
   For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
ENA1257 SANYO-ENA1257 Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
ENA1259 SANYO-ENA1259 Datasheet
61Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1259A SANYO-ENA1259A Datasheet
117Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1254A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com