Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXS2005VLT80R Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # SPXS2005VLT80R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXS2005VLT80R Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SPXS2005VLT80R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPXS2005VLT80R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPXS2005VLT80R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXS2005VLT80R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXS2005VLT80R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXS2005VLT80R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXS2005VLT80R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXS2005VLT80R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXS2005VLT80R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
2
1
Overview
1.1
Device comparison
Table 1. PXD20 Family Feature Set
Feature
PXD20
Package
176 LQFP
208 LQFP
416 MAPBGA
CPU
e200z4d
4 KB Instruction-Cache
16-entry Memory Management Unit (MMU)
Floating Point Unit (FPU)
Signal Processing Extension (SPE)
Execution speed
Static–125 MHz
Flash memory (ECC)
2 MB
RAM (ECC)
64 KB
On-chip graphics RAM (no ECC)
1 MB
MPU
16 entry
eDMA
16 channels
DRAM controller
No
Yes
OpenVG Graphics Accelerator
(GFX2D)
Yes (OpenVG 1.1)
Display Control Unit (DCU3)
Yes
Display Control Unit Lite (DCULite)
No
Yes
Timing Controller (TCON) and RSDS
interface
No
Yes
Video Input Unit (VIU2)
Yes
QuadSPI serial flash interface
Yes
Stepper Motor Controller (SMC)
4 motors
6 motors
Stepper Stall Detect (SSD)
Yes
Sound Generator Module (SGM)
Yes
32 kHz external crystal oscillator
Yes
Real Time Counter and Autonomous
Periodic Interrupt (RTC/API)
Yes
Periodic interrupt timer (PIT)
8 ch, 32-bit
Software Watchdog Timer (SWT)
Yes
System Timer Module (STM)
4 ch, 32-bit
Timed I/O
20 ch, 16-bit: IC / OC / OPWM
8 ch, 16-bit: IC / OC
4 ch, 16-bit: IC / OC / OPWM / QDEC


Similar Part No. - SPXS2005VLT80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXS2005VLQ120R FREESCALE-SPXS2005VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
SPXS2005VLQ120R FREESCALE-SPXS2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
SPXS2005VLQ80R FREESCALE-SPXS2005VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
SPXS2005VLQ80R FREESCALE-SPXS2005VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - SPXS2005VLT80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com