Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-442B-E Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # STK672-442B-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-442B-E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button STK672-442B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 14Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
STK672-442B-E
No.A1735-11/24
[Vref (Voltage setting to be used for the current setting reference)]
• Pin type: Analog input configuration
Input voltage is in the voltage range of 0.2V to 1.8V.
[Input timing]
The control IC of the driver is equipped with a power on reset function capable of initializing internal IC operations
when power is supplied. A 4V typ setting is used for power on reset. Because the specification for the MOSFET gate
voltage is 5V
±5%, conduction of current to output at the time of power on reset adds electromotive stress to the
MOSFET due to lack of gate voltage. To prevent electromotive stress, be sure to set ENABLE=Low while VDD,
which is outside the operating supply voltage, is less than 4.75V.
In addition, if the RESETB terminal is used to initialize output timing, be sure to allow at least 10
μs until CLOCK
input.
ENABLE, CLOCK, and RESETB Signals Input Timing
[Configuration of control block I/O pins]
<Configuration of the MODE1, MODE2, MODE3, CLOCK,
<Configuration of the FAULT2 pin>
CWB, ENABLE, and RESETB input pins>
(The buffer has an open drain configuration.)
The input pins of this driver all use Schmitt input. Typical specifications at Tc=25
°C are given below. Hysteresis
voltage is 0.3V (VIHa-VILa).
4Vtyp
3.8Vtyp
At least 10
μs
At least 10
μs
No time specification
Control IC power (VDD) rising edge
Control IC power on reset
RESETB signal input
ENABLE signal input
CLOCK signal input
VIHa
When rising
When falling
1.5Vtyp
VILa
1.8Vtyp
Input voltage
Input pin
5V
VSS
10k
Ω
100k
Ω
5V
Overcurrent
Overheating
50k
Ω
50k
Ω
Output pin
Pin 8
50k
Ω
Motor terminal open


Similar Part No. - STK672-442B-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

Similar Description - STK672-442B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com