Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXN2010VMM120R Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPXN2010VMM120R
Description  PXS20 Microcontroller
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXN2010VMM120R Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPXN2010VMM120R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXN2010VMM120R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXN2010VMM120R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXN2010VMM120R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXN2010VMM120R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXN2010VMM120R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXN2010VMM120R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXN2010VMM120R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXN2010VMM120R Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 119 page
background image
Introduction
PXS20 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
1.5.4
Enhanced Direct Memory Access (eDMA)
The enhanced direct memory access (eDMA) controller is a second-generation module capable of performing complex data
movements via 16 programmable channels, with minimal intervention from the host processor. The hardware microarchitecture
includes a DMA engine which performs source and destination address calculations, and the actual data movement operations,
along with an SRAM-based memory containing the transfer control descriptors (TCD) for the channels. This implementation
is used to minimize the overall block size.
The eDMA module provides the following features:
16 channels supporting 8-, 16-, and 32-bit value single or block transfers
Support variable sized queues and circular buffered queue
Source and destination address registers independently configured to post-increment or stay constant
Support major and minor loop offset
Support minor and major loop done signals
DMA task initiated either by hardware requestor or by software
Each DMA task can optionally generate an interrupt at completion and retirement of the task
Signal to indicate closure of last minor loop
Transfer control descriptors mapped inside the SRAM
The eDMA controller is replicated for each processor.
1.5.5
On-Chip Flash Memory with ECC
This device includes programmable, non-volatile flash memory. The non-volatile memory (NVM) can be used for instruction
storage or data storage, or both. The flash memory module interfaces with the system bus through a dedicated flash memory
array controller. It supports a 64-bit data bus width at the system bus port, and a 128-bit read data interface to flash memory.
The module contains four 128-bit prefetch buffers. Prefetch buffer hits allow no-wait responses. Buffer misses incur a 3 wait
state response at 120 MHz.
The flash memory module provides the following features
1 MB of flash memory in unique multi-partitioned hard macro
Sectorization: 16 KB + 2 × 48 KB + 16 KB + 2 × 64 KB + 2 × 128 KB + 2 × 256 KB
EEPROM emulation (in software) within same module but on different partition
16 KB test sector and 16 KB shadow sector for test, censorship device and user option bits
Wait states:
— 3 wait states at 120 MHz
— 2 wait states at 80 MHz
— 1 wait state at 60 MHz
Flash memory line 128-bit wide with 8-bit ECC on 64-bit word (total 144 bits)
Accessed via a 64-bit wide bus for write and a 128-bit wide array for read operations
1-bit error correction, 2-bit error detection
1.5.6
On-Chip SRAM with ECC
The PXS20 SRAM provides a general-purpose single port memory.
ECC handling is done on a 32-bit boundary for data and it is extended to the address to have the highest possible diagnostic
coverage including the array internal address decoder.
The SRAM module provides the following features:
System SRAM: 128 KB


Similar Part No. - MPXN2010VMM120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXN2010VMM120R FREESCALE-MPXN2010VMM120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - MPXN2010VMM120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS20RM FREESCALE-PXS20RM Datasheet
7Mb / 1368P
   PXS20 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com