Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXS2010VLU80R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SPXS2010VLU80R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXS2010VLU80R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SPXS2010VLU80R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXS2010VLU80R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXS2010VLU80R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXS2010VLU80R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXS2010VLU80R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPXS2010VLU80R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPXS2010VLU80R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPXS2010VLU80R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPXS2010VLU80R Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
lower priority ISRs do not delay the execution of higher priority ISRs. To allow the appropriate priorities for each source of
interrupt request, the priority of each interrupt request is software configurable.
When multiple tasks share a resource, coherent accesses to that resource need to be supported. The INTC supports the priority
ceiling protocol for coherent accesses. By providing a modifiable priority mask, the priority can be raised temporarily so that
all tasks which share the resource can not preempt each other.
Multiple processors can assert interrupt requests to each other through software settable interrupt requests. These same software
settable interrupt requests also can be used to break the work involved in servicing an interrupt request into a high priority
portion and a low priority portion. The high priority portion is initiated by a peripheral interrupt request, but then the ISR asserts
a software settable interrupt request to finish the servicing in a lower priority ISR. Therefore these software settable interrupt
requests can be used instead of the peripheral ISR scheduling a task through the RTOS. The INTC provides the following
features:
Unique 9-bit vector for each of the possible 128 separate interrupt sources
Eight software triggerable interrupt sources
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
Ability to modify the ISR or task priority.
— Modifying the priority can be used to implement the Priority Ceiling Protocol for accessing shared resources.
External non maskable interrupt directly accessing the main CPU critical interrupt mechanism
32 external interrupts
1.4.6
QuadSPI serial flash memory controller
The QuadSPI module enables use of external serial flash memories supporting single, dual and quad modes of operation. It
features the following:
Maximum serial clock frequency 80 MHz
Memory mapped read access for AHB crossbar switch masters
Automatic serial flash read command generation by CPU, eDMA, DCU, or DCU-Lite read access on AHB bus
Supports single, dual and quad serial flash read commands
Simultaneous mode:
— Supports concurrent read of two external serial flashes
— The quad data streams from the two flashes can be recombined in the QuadSPI to achieve up to 80 MB/s read
bandwidth with 80 MHz serial flash
•16
64-bit buffer with speculative fetch and buffer flush mechanisms to maximize read bandwidth of serial flash
DMA support
All Serial Flash program, erase, read and configuration commands available via IP bus interface.
1.4.7
System Integration Unit Lite (SIUL)
The SIUL controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O (GPIO), internal
peripheral multiplexing, and the system reset operation.
The GPIO features the following:
Up to four levels of internal pin multiplexing, allowing exceptional flexibility in the allocation of device functions for
each package
Centralized general purpose input output (GPIO) control
All GPIO pins can be independently configured to support pull-up, pull down, or no pull
Reading and writing to GPIO supported both as individual pins and 16-bit wide ports
All peripheral pins can be alternatively configured as both general purpose input or output pins except ADC channels
which support alternative configuration as general purpose inputs


Similar Part No. - SPXS2010VLU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXS2010VLQ120R FREESCALE-SPXS2010VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
SPXS2010VLQ120R FREESCALE-SPXS2010VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
SPXS2010VLQ80R FREESCALE-SPXS2010VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
SPXS2010VLQ80R FREESCALE-SPXS2010VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - SPXS2010VLU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com