Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5394 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N5394
Description  General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5394 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N5394_09 Datasheet HTML 1Page - Fairchild Semiconductor 1N5394_09 Datasheet HTML 2Page - Fairchild Semiconductor 1N5394_09 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N5391 - 1N5399 Rev. D1
1
August 2009
1N5391 - 1N5399
General Purpose Rectifiers
Features
• 1.5 ampere operation at TA = 70°C with no thermal runaway.
• High current capability.
• Low leakage.
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
* Mounted on 0.375" (9.5mm) PCB
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
5391 5392 5393 5394 5395 5396 5397 5398 5399
VRRM
Peak Repetitive Reverse Voltage
50
100
200
300
400
500
600
800
1000
V
IF(AV)
Average Rectified Forward Current
.375 " lead length @ TA = 75°C
1.5
A
IFSM
Non-repetitive Peak Forward Surge
Current
8.3 ms Single Half-Sine-Wave
50
A
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
4.8
W
RθJL
Thermal Resistance, Junction to Lead *
26
°C/W
Symbol
Parameter
Value
Units
5391 5392 5393 5394 5395 5396 5397 5398 5399
VF
Forward Voltage @1.5A
1.4
V
IR
Reverse Leakage @rated VR TA=25°C
TA=100°C
5.0
300
μA
μA
CT
Total Capacitance VR=4.0 V, f=1.0MHz
25
pF
DO-15
Color Band Denotes Cathode


Similar Part No. - 1N5394_09

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1N5394-G COMCHIP-1N5394-G Datasheet
57Kb / 2P
   Axial Silastic Guard Junction Standard Rectifier
logo
EIC discrete Semiconduc...
1N5394G EIC-1N5394G Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
1N5394G CHENYI-1N5394G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
1N5394G DACHANG-1N5394G Datasheet
119Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
logo
Dc Components
1N5394G DCCOM-1N5394G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results

Similar Description - 1N5394_09

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com