Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXN3010VMS2R Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPXN3010VMS2R
Description  PXS30 Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXN3010VMS2R Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPXN3010VMS2R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXN3010VMS2R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXN3010VMS2R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXN3010VMS2R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXN3010VMS2R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXN3010VMS2R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXN3010VMS2R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXN3010VMS2R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXN3010VMS2R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
Introduction
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
— FlexRay module (V2.1) with dual channel, up to 128 message objects and up to 10 Mbit/s
— Fast Ethernet Controller (FEC)
—3 I2C modules
Four 12-bit analog-to-digital converters (ADCs)
— 22 input channels
— Programmable cross triggering unit (CTU) to synchronize ADC conversion with timer and
PWM
External bus interface
16-bit external DDR memory controller
Parallel digital interface (PDI)
On-chip CAN/UART bootstrap loader
Capable of operating on a single 3.3 V voltage supply
— 3.3 V-only modules: I/O, oscillators, flash memory
— 3.3 V or 5 V modules: ADCs, supply to internal VREG
— 1.8–3.3 V supply range: DRAM/PDI
Operating junction temperature range –40 to 150 °C
1.5
Feature details
1.5.1
High-performance e200z7d core processor
Dual 32-bit Power Architecture
 processor core
Loose or tight core coupling
Freescale Variable Length Encoding (VLE) enhancements for code size footprint reduction
Thirty-two 64-bit general-purpose registers (GPRs)
Memory management unit (MMU) with 64-entry fully-associative translation look-aside buffer
(TLB)
Branch processing unit
Fully pipelined load/store unit
16 KB Instruction and 16 KB Data caches per core with line locking
— Four way set associative
— Two 32-bit fetches per clock
— Eight-entry store buffer
— Way locking
— Supports tag and data parity
Vectored interrupt support
Signal processing engine 2 (SPE2) auxiliary processing unit (APU) operating on 64-bit general
purpose registers


Similar Part No. - MPXN3010VMS2R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXN1005VLQ120R FREESCALE-MPXN1005VLQ120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
MPXN1005VLQ120R FREESCALE-MPXN1005VLQ120R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXN1005VLQ64R FREESCALE-MPXN1005VLQ64R Datasheet
717Kb / 130P
   PXD10 Microcontroller
MPXN1005VLQ64R FREESCALE-MPXN1005VLQ64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXN1005VLU120R FREESCALE-MPXN1005VLU120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - MPXN3010VMS2R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS30FS FREESCALE-PXS30FS Datasheet
700Kb / 2P
   PXS30 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com