Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB37P6L0685KB Datasheet(PDF) 4 Page - AVX Corporation

Part # FB37P6L0685KB
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FB37P6L0685KB Datasheet(HTML) 4 Page - AVX Corporation

  FB37P6L0685KB Datasheet HTML 1Page - AVX Corporation FB37P6L0685KB Datasheet HTML 2Page - AVX Corporation FB37P6L0685KB Datasheet HTML 3Page - AVX Corporation FB37P6L0685KB Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Medium Power Film Capacitors
FE (RoHS Compliant)
* Insert K for 10% capacitance tolerance (standard): J = +5% and M = +20% tolerances available on request.
# Insert C for 5.00 (0.197) lead length (standard): L = 15 (0.591) available on request.
Values outside this standard range may be available – please contact AVX for any special requirements.
AVX reserves the right to supply capacitors to a tighter capacitance tolerance or higher voltage rating, in the same case size.
Cap
Rated
Part Number
Case
W
H
T
P
P2
d
dv/dt
I peak
I rms
ESR
Packaging
(µF)
Voltage (V)
Code
±0.50 (0.020)
±0.50 (0.020)
±0.50 (0.020)
±1.00 (0.039)
±1.00 (0.039)
±0.05 (0.002)
Volt/sec
Amps
Amps
mOhms
Qty.
Voltage Vrdc 1200V
Voltage Code: P
3.3
1200
FE27G6P0335*A
G
32.0 (1.260)
37.0 (1.457)
22.0 (0.866)
27.5 (1.083)
10.2 (0.402)
0.80 (0.031)
80.0
264.0
8.2
12.5
80
4.0
1200
FE27G6P0405*A
G
32.0 (1.260)
37.0 (1.457)
22.0 (0.866)
27.5 (1.083)
10.2 (0.402)
0.80 (0.031)
80.0
320.0
9.0
10.5
80
4.7
1200
FE37H6P0475*A
H
42.5 (1.673)
33.5 (1.319)
22.0 (0.866)
37.5 (1.476)
10.2 (0.402)
1.20 (0.047)
55.0
258.5
7.3
19.5
49
5.0
1200
FE37H6P0505*A
H
42.5 (1.673)
33.5 (1.319)
22.0 (0.866)
37.5 (1.476)
10.2 (0.402)
1.20 (0.047)
55.0
275.0
7.5
16.5
49
6.8
1200
FE37L6P0685*A
L
42.5 (1.673)
44.0 (1.732)
24.0 (0.945)
37.5 (1.476)
10.2 (0.402)
1.20 (0.047)
55.0
374.0
9.0
14.0
42
7.5
1200
FE37J6P0755*A
J
42.5 (1.673)
37.0 (1.457)
28.0 (1.102)
37.5 (1.476)
10.2 (0.402)
1.20 (0.047)
55.0
412.5
9.8
11.0
35
10
1200
FE37M6P0106*B
M
42.5 (1.673)
45.0 (1.772)
30.0 (1.181)
37.5 (1.476)
20.3 (0.799)
1.20 (0.047)
55.0
550.0
12.0
8.0
44
12
1200
FE52N6P0126*B
N
57.5 (2.264)
45.0 (1.772)
30.0 (1.181)
52.5 (2.067)
20.3 (0.799)
1.20 (0.047)
35.0
420.0
10.0
13.5
25
15
1200
FE52N6P0156*B
N
57.5 (2.264)
45.0 (1.772)
30.0 (1.181)
52.5 (2.067)
20.3 (0.799)
1.20 (0.047)
35.0
525.0
11.0
10.5
25
20
1200
FE52P6P0206*B
P
57.5 (2.264)
50.0 (1.969)
35.0 (1.378)
52.5 (2.067)
20.3 (0.799)
1.20 (0.047)
35.0
700.0
14.0
8.0
20


Similar Part No. - FB37P6L0685KB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FB37P6L0335JC AVX-FB37P6L0335JC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FB37P6L0335JL AVX-FB37P6L0335JL Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FB37P6L0335KC AVX-FB37P6L0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FB37P6L0335KL AVX-FB37P6L0335KL Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FB37P6L0335MC AVX-FB37P6L0335MC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FB37P6L0685KB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com