Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX284AK Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX284AK
Description  Diagonal 6.64mm (Type 1/2.7) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX284AK Datasheet(HTML) 5 Page - Sony Corporation

  ICX284AK Datasheet HTML 1Page - Sony Corporation ICX284AK Datasheet HTML 2Page - Sony Corporation ICX284AK Datasheet HTML 3Page - Sony Corporation ICX284AK Datasheet HTML 4Page - Sony Corporation ICX284AK Datasheet HTML 5Page - Sony Corporation ICX284AK Datasheet HTML 6Page - Sony Corporation ICX284AK Datasheet HTML 7Page - Sony Corporation ICX284AK Datasheet HTML 8Page - Sony Corporation ICX284AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
– 5 –
ICX284AK
Clock Equivalent Circuit Constant
Item
Capacitance between vertical transfer
clock and GND
C
φV1A, CφV3A
C
φV1B, CφV3B
C
φV2, CφV4
C
φV1A2, CφV3A4
C
φV1B2, CφV3B4
C
φV23A, CφV41A
C
φV23B, CφV41B
C
φV1A3A
C
φV1B3B
C
φV1A3B, CφV1B3A
C
φV24
C
φV1A1B, CφV3A3B
C
φH1
C
φH2
C
φHH
C
φRG
C
φSUB
R1A, R3A
R1B, R3B
R2, R4
RGND
R
φH
390
1200
1500
120
470
62
120
12
91
30
91
30
47
47
68
5
620
56
62
91
18
5
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
Capacitance between vertical transfer
clocks
Capacitance between horizontal transfer
clock and GND
Capacitance between horizontal transfer
clocks
Capacitance between reset gate clock
and GND
Capacitance between substrate clock
and GND
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Symbol
Min.
Typ.
Max.
Unit
Remarks
RGND
C
φV1B3B
R1B
C
φV41B
V
φ1B
C
φV4
C
φV41A
C
φV1B
C
φV1B3A
C
φV1A1B
C
φV1A
C
φV1B2
R1A
V
φ1A
C
φV1A2
V
φ2
R2
C
φV24
C
φV1A3A
C
φV23A
C
φV23B
R3A
V
φ3A
C
φV2
C
φV3A
C
φV3A3B
C
φV1A3B
C
φV3B
R3B
V
φ3B
C
φV3A4
C
φV3B4
V
φ4
R4
Vertical transfer clock equivalent circuit
H
φ1
R
φH
C
φH1
C
φH2
R
φH
C
φHH
H
φ2
Horizontal transfer clock equivalent circuit


Similar Part No. - ICX284AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX284AQ SONY-ICX284AQ Datasheet
369Kb / 24P
   Diagonal 6.64mm (Type 1/2.7) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX284AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX284AQ SONY-ICX284AQ Datasheet
369Kb / 24P
   Diagonal 6.64mm (Type 1/2.7) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX432DQ SONY-ICX432DQ Datasheet
299Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX432DQF SONY-ICX432DQF Datasheet
301Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX434AQ SONY-ICX434AQ Datasheet
335Kb / 23P
   Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX434DQN SONY-ICX434DQN Datasheet
329Kb / 23P
   Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AKF SONY-ICX224AKF Datasheet
392Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com