Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN21SV04MPX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN21SV04MPX
Description  TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV04MPX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN21SV04MPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN21SV04MPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN21SV04MPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV04MPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV04MPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV04MPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV04MPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN21SV04MPX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN21SV04MPX_12 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV04 • Rev. 1.0.3
7
Typical Characteristics
VIN=12V, VCC=5V, TA=25°C, unless otherwise specified.
0.990
0.995
1.000
1.005
1.010
-50
0
50
100
150
Temperature (
oC)
0.80
0.90
1.00
1.10
1.20
-50
0
50
100
150
Temperature (
oC)
Figure 4. Reference Voltage (VFB) vs. Temperature,
Normalized
Figure 5. Reference Bias Current (IFB) vs. Temperature,
Normalized
0
300
600
900
1200
1500
0
20
40
60
80
100
120
140
RT (K
Ω)
0.98
0.99
1.00
1.01
1.02
-50
0
50
100
150
Temperature (
oC)
Figure 6. Frequency vs. RT (Master)
Figure 7.
Frequency vs. Temperature, Normalized
0.60
0.80
1.00
1.20
1.40
1.60
-50
0
50
100
150
Temperature (
oC)
0.96
0.98
1.00
1.02
1.04
-50
0
50
100
150
Temperature (
oC)
Figure 8. RDS vs. Temperature, Normalized
(5 V_Reg=VGS=5 V)
Figure 9.
ILIM Current (IILIM) vs. Temperature,
Normalized
Q1 ~0.32 %/
oC
Q2 ~0.35 %/
oC
300KHz
600KHz


Similar Part No. - FAN21SV04MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN21SV04MPX FAIRCHILD-FAN21SV04MPX Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
More results

Similar Description - FAN21SV04MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com