Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN21SV04EMPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN21SV04EMPX
Description  TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV04EMPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN21SV04EMPX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2012
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV04 • Rev. 1.0.3
FAN21SV04 — TinyBuck™ 4 A, 24 V Single-Input
Integrated Synchronous Buck Regulator
Features
Single-Supply Operation with 4 A Output Current
Wide Input Range with Dual Supply: 3.0 V to 24 V
Wide Output Voltage Range: 0.8 V to 80% V
IN
Over 94% Peak Efficiency
1% Reference Accuracy Over Temperature
Fully Synchronous Operation with Integrated
Schottky Diode on Low-Side MOSFET Boosts
Efficiency
Single Supply Device for V
IN > 6.5 V – 24 V
Programmable Frequency Operation (200-
600 KHz)
Synchronizable to External Clock with
Master/Slave Provisions
Power-Good Signal
Accepts Ceramic Capacitors on Output
External Compensation for Flexible Design
Starts on Pre-Bias Outputs
Integrated Bootstrap Diode
Programmable Over-Current Protection
Under-Voltage, Over-Voltage, and Thermal-
Shutdown Protections
5x6mm, 25-Pin, 3-Pad MLP Package
Applications
Servers & Telecom
Graphics Cards & Displays
Computing Systems
Set-Top Boxes & Game Consoles
Point-of-Load Regulation
Description
The FAN21SV04 TinyBuck™ is a highly efficient,
small-footprint,
programmable-frequency,
4 A,
integrated synchronous buck regulator.
FAN21SV04 contains both synchronous MOSFETs
and a controller/driver with optimized interconnects in
one package, which enables designers to solve high-
current requirements in a small area with minimal
external components, thereby reducing cost. On-
board internal 5 V regulator enables single-supply
operation for input voltages >6.5 V.
The FAN21SV04 can be configured to drive multiple
slave devices OR synchronize to an external system
clock. In slave mode, FAN21SV04 may be set up to be
free-running in the absence of a master clock signal.
External
compensation,
programmable
switching
frequency, and current-limit features allow for design
optimization and flexibility. High-frequency operation
allows for all-ceramic solutions.
Fairchild’s
advanced
BiCMOS
power
process,
combined with low-RDS(ON) internal MOSFETs and a
thermally efficient MLP package, provide the ability
to
dissipate
high
power
in
a
small
package.
Integration
helps
minimize
critical
inductances,
making layout simpler and more efficient compared
to discrete solutions.
Output over-voltage, under-voltage, over-current, and
thermal-shutdown protections help protect the device
from damage during fault conditions. FAN21SV04
prevents pre-biased output discharge during startup in
point-of-load applications.
Related Resources
TinyCalc™ Calculator Design Tool
AN-8022 — TinyCalc™ Calculator User Guide
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FAN21SV04MPX
-10°C to 85°C
Molded Leadless Package (MLP) 5x6 mm
Tape and Reel
FAN21SV04EMPX
-40°C to 85°C
Molded Leadless Package (MLP) 5x6 mm
Tape and Reel


Similar Part No. - FAN21SV04EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN21SV04EMPX FAIRCHILD-FAN21SV04EMPX Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
More results

Similar Description - FAN21SV04EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com