Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2110MPX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN2110MPX
Description  TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110MPX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN2110MPX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.4
5
Electrical Specifications
Electrical specifications are the result of using the circuit shown in Figure 1 with VIN=12 V, unless otherwise noted.
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
Power Supplies
ICC
VCC Current
SW=Open, VFB=0.7 V, VCC=5 V,
fSW=600 KHz
8
12
mA
Shutdown: EN=0, VCC=5 V
7
10
µA
VUVLO
VCC UVLO Threshold
Rising VCC
4.1
4.3
4.5
V
Hysteresis
300
mV
Oscillator
fSW
Frequency
RT=50 K
Ω to GND
255
300
345
KHz
RT=24 K
Ω to GND
540
600
660
KHz
tONmin
Minimum On-Time
(2)
50
65
ns
VRAMP
Ramp Amplitude, Peak-to-Peak
16 VIN, 1.8 VOUT, RT=30 K
Ω,
RRAMP=200 K
Ω
0.53
V
tOFFmin
Minimum Off-Time
(2)
100
150
ns
Reference
VFB
Reference Voltage (see Figure 4 for
Temperature Coefficient)
FAN2110MPX, 25°C
794
800
806
mV
FAN2110EMPX, 25°C
795
800
805
mV
Error Amplifier
G
DC Gain
(2)
VCC=5 V
80
85
dB
GBW
Gain Bandwidth Product
(2)
12
15
MHz
VCOMP
Output Voltage
(2)
0.4
3.2
V
ISINK
Output Current, Sourcing
VCC=5 V, VCOMP=2.2 V
1.5
2.2
mA
ISOURCE
Output Current, Sinking
VCC=5 V, VCOMP=1.2 V
0.8
1.2
mA
IBIAS
FB Bias Current
VFB=0.8 V, 25°C
-850
-650
-450
nA
Protection and Shutdown
ILIM
Current Limit (see Circuit
Description)
(2)
RILIM=182 K
Ω,, 25°C, fSW=500 KHz,
VOUT=1.5 V, RRAMP=243 K
Ω,
16 Consecutive Clock Cycles
(3)
12
14
16
A
IILIM
ILIM Current
VCC=5 V, 25°C
-11
-10
-9
µA
TTSD
Over-Temperature Shutdown
(2)
Internal IC Temperature
+155
°C
THYS
Over-Temperature Hysteresis
(2)
+30
°C
VOVP
Over-Voltage Threshold
2 Consecutive Clock Cycles
(3)
110
115
121
%VOUT
VUVSD
Under-Voltage Shutdown
16 Consecutive Clock Cycles
(3)
68
73
78
%VOUT
VFLT
Fault Discharge Threshold
Measured at FB Pin
250
mV
VFLT_HYS
Fault Discharge Hysteresis
Measured at FB Pin (VFB ~500 mV)
250
mV
Soft-Start
tSS
VOUT to Regulation (T0.8)
fSW=500 KHz
5.3
ms
tEN
Fault Enable/SSOK (T1.0)
(2)
6.7
ms
Continued on the following page…


Similar Part No. - FAN2110MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2110MPX FAIRCHILD-FAN2110MPX Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2110MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com