Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2110EMPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN2110EMPX
Description  TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110EMPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN2110EMPX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.4
3
Pin Configuration
Figure 3. MLP 5x6 mm Pin Configuration (Bottom View)
Pin Definitions
Pin #
Name
Description
P1, 6-12
SW
Switching Node. Junction of high-side and low-side MOSFETs.
P2, 2-5
VIN
Power Conversion Input Voltage. Connect to the main input power source.
P3, 21-23
PGND
Power Ground. Power return and Q2 source.
1
BOOT
High-Side Drive BOOT Voltage. Connect through capacitor (CBOOT) to SW. The IC includes
an internal synchronous bootstrap diode to recharge the capacitor on this pin to VCC when
SW is LOW.
13
PGOOD
Power-Good Flag. An open-drain output that pulls LOW when FB is outside the limits
specified in electrical specs. PGOOD does not assert HIGH until the fault latch is enabled.
14
EN
ENABLE. Enables operation when pulled to logic HIGH or left open. Toggling EN resets the
regulator after a latched fault condition. This input has an internal pull-up when the IC is
functioning normally. When a latched fault occurs, EN is discharged by a current sink.
15
VCC
Input Bias Supply for IC. The IC’s logic and analog circuitry are powered from this pin. This
pin should be decoupled to AGND through a > 2.2 µF X5R / X7R capacitor.
16
AGND
Analog Ground. The signal ground for the IC. All internal control voltages are referred to
this pin. Tie this pin to the ground island/plane through the lowest impedance connection.
17
ILIM
Current Limit. A resistor (RILIM) from this pin to AGND can be used to program the current-
limit trip threshold lower than the internal default setting.
18
R(T)
Oscillator Frequency. A resistor (RT) from this pin to AGND sets the PWM switching
frequency.
19
FB
Output Voltage Feedback. Connect through a resistor divider to the output voltage.
20
COMP
Compensation. Error amplifier output. Connect the external compensation network between
this pin and FB.
24
NC
No Connect. This pin is not used.
25
RAMP
Ramp Amplitude. A resistor (RRAMP) connected from this pin to VIN sets the ramp amplitude
and provides voltage feedforward functionality.


Similar Part No. - FAN2110EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2110EMPX FAIRCHILD-FAN2110EMPX Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2110EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com