Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2110EMPX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN2110EMPX
Description  TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110EMPX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN2110EMPX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.4
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Parameter
Conditions
Min.
Max.
Unit
VIN to PGND
28
V
VCC to AGND
AGND=PGND
6
V
BOOT to PGND
35
V
BOOT to SW
-0.5
6.0
V
SW to PGND
Continuous
-0.5
24.0
V
Transient (t < 20 ns, f < 600 KHz)
-5
30
V
All other pins
-0.3
VCC+0.3
V
ESD
Human Body Model, JEDEC JESD22-A114
2.0
KV
Charged Device Model, JEDEC JESD22-C101
2.5
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Bias Voltage
VCC to AGND
4.5
5.0
5.5
V
VIN
Supply Voltage
VIN to PGND
3
24
V
TA
Ambient Temperature
FAN2110MPX
-10
+85
°C
FAN2110EMPX
-40
+85
°C
TJ
Junction Temperature
+125
°C
fSW
Switching Frequency
200
600
kHz
Thermal Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+300
°C
θJC
Thermal Resistance: Junction-to-Case
P1 (Q2)
4
°C/W
P2 (Q1)
7
°C/W
P3
4
°C/W
θJ-PCB
Thermal Resistance: Junction-to-Mounting Surface
(1)
35
°C/W
PD
Power Dissipation, TA=25°C
(1)
2.8
W
Note:
1.
Typical thermal resistance when mounted on a four-layer, two-ounce PCB, as shown in Figure 35. Actual results
are dependent on mounting method and surface related to the design.


Similar Part No. - FAN2110EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2110EMPX FAIRCHILD-FAN2110EMPX Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2110EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com