Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX285AL Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX285AL
Description  Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX285AL Datasheet(HTML) 3 Page - Sony Corporation

  ICX285AL Datasheet HTML 1Page - Sony Corporation ICX285AL Datasheet HTML 2Page - Sony Corporation ICX285AL Datasheet HTML 3Page - Sony Corporation ICX285AL Datasheet HTML 4Page - Sony Corporation ICX285AL Datasheet HTML 5Page - Sony Corporation ICX285AL Datasheet HTML 6Page - Sony Corporation ICX285AL Datasheet HTML 7Page - Sony Corporation ICX285AL Datasheet HTML 8Page - Sony Corporation ICX285AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
– 3 –
ICX285AL
Ratings
–40 to +12
–50 to +15
–50 to +0.3
–40 to +0.3
–25 to
–0.3 to +22
–10 to +18
–10 to +6.5
–0.3 to +28
–0.3 to +15
to +15
–6.5 to +6.5
–10 to +16
–30 to +80
–10 to +60
–10 to +75
Item
VDD, VOUT,
φRG – φSUB
V
φ2A, Vφ2B – φSUB
Against
φSUB
V
φ1, Vφ3, Vφ4, VL – φSUB
H
φ1, Hφ2, GND – φSUB
CSUB
φSUB
VDD, VOUT,
φRG, CSUB – GND
Against GND
V
φ1, Vφ2A, Vφ2B, Vφ3, Vφ4 – GND
H
φ1, Hφ2 – GND
Against VL
V
φ2A, Vφ2B – VL
V
φ1, Vφ3, Vφ4, Hφ1, Hφ2, GND – VL
Between input
Voltage difference between vertical clock input pins
clock pins
H
φ1 – Hφ2
H
φ1, Hφ2 – Vφ4
Storage temperature
Performance guarantee temperature
Operating temperature
Absolute Maximum Ratings
Unit
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
°C
Remarks
*1
*1
+24 V (Max.) when clock width < 10 µs, clock duty factor < 0.1%.
+16 V (Max.) is guaranteed for power-on and power-off.
Bias Conditions
Item
Supply voltage
Protective transistor bias
Substrate clock
Reset gate clock
Symbol
VDD
VL
φSUB
φRG
Min.
14.55
Typ.
15.0
*2
*3
*3
Max.
15.45
Unit
V
Remarks
DC characteristics
Item
Supply current
Symbol
IDD
Min.
Typ.
9
Max.
11
Unit
mA
Remarks
*2
VL setting is the VVL voltage of the vertical clock waveform, or the same voltage as the VL power supply for the
V driver should be used.
*3
Do not apply a DC bias to the substrate clock and reset gate clock pins, because a DC bias is generated within
the CCD.


Similar Part No. - ICX285AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX285AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX085AK SONY-ICX085AK Datasheet
199Kb / 19P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com