Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX285AL Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX285AL
Description  Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX285AL Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX285AL Datasheet HTML 6Page - Sony Corporation ICX285AL Datasheet HTML 7Page - Sony Corporation ICX285AL Datasheet HTML 8Page - Sony Corporation ICX285AL Datasheet HTML 9Page - Sony Corporation ICX285AL Datasheet HTML 10Page - Sony Corporation ICX285AL Datasheet HTML 11Page - Sony Corporation ICX285AL Datasheet HTML 12Page - Sony Corporation ICX285AL Datasheet HTML 13Page - Sony Corporation ICX285AL Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
– 10 –
ICX285AL
Progressive scan mode
High frame rate readout mode
Image Sensor Characteristics Measurement Method
• Readout modes
The diagram below shows the output methods for the following two readout modes.
Note) Blacked out portions in the diagram indicate pixels which are not read out.
Output starts from line 1 in high frame rate readout mode.
1. Progressive scan mode
In this mode, all pixel signals are output in non-interlace format in 1/15 s.
All pixel signals within the same exposure period are read out simultaneously, making this mode suitable for
high resolution image capturing.
2. High frame rate readout mode
All effective areas are scanned in approximately 1/60 s by reading out two out of eight lines (1st and 4th lines,
9th and 12th lines, and so on). The vertical resolution is approximately 256 TV-lines.
This readout mode emphasizes processing speed over vertical resolution.
VOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Similar Part No. - ICX285AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX285AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX085AK SONY-ICX085AK Datasheet
199Kb / 19P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com