Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7601BGX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7601BGX
Description  Green Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7601BGX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7601BGX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN7601BGX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN7601BGX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN7601BGX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN7601BGX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN7601BGX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7601BGX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7601BGX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN7601BGX_12 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7601B • Rev.1.0.3
6
Typical Performance Characteristics
4.95
4.97
4.99
5.01
5.03
5.05
-45 -25 -15
0
25
50
80 100 125 140
Junction Temperature(℃)
0
0.5
1
1.5
2
2.5
3
-45 -25 -15
0
25
50
80
100 125 140
Junction Temperature(℃)
Figure 4. Trimmed Reference Voltage
Figure 5. Supply Current
10
10.5
11
11.5
12
12.5
13
-45 -25 -15
0
25
50
80 100 125 140
Junction Temperature(℃)
7
7.5
8
8.5
9
-45 -25 -15
0
25
50
80 100 125 140
Junction Temperature(℃)
Figure 6. VCC Start Threshold Voltage
Figure 7. VCC Stop Threshold Voltage
85
90
95
100
105
110
-45 -25 -15
0
25
50
80
100 125 140
Junction Temperature(℃)
90
92
94
96
98
100
-45 -25 -15
0
25
50
80 100 125 140
Junction Temperature(℃)
Figure 8. Oscillator Frequency
Figure 9. Maximum Duty Cycle
2.3
2.4
2.5
2.6
2.7
-45 -25 -15
0
25
50
80
100 125 140
Junction Temperature(℃)
1.15
1.2
1.25
1.3
1.35
-45 -25 -15
0
25
50
80
100 125 140
Junction Temperature(℃)
Figure 10. Oscillator High Threshold Voltage
Figure 11. Oscillator Low Threshold Voltage


Similar Part No. - FAN7601BGX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601BGX FAIRCHILD-FAN7601BGX Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7601BGX FAIRCHILD-FAN7601BGX Datasheet
669Kb / 10P
   Green Current Mode PWM Controller
More results

Similar Description - FAN7601BGX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7602C FAIRCHILD-FAN7602C Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7602_0611 FAIRCHILD-FAN7602_0611 Datasheet
1Mb / 18P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
   Green Current Mode PWM Controller
FAN7602B FAIRCHILD-FAN7602B Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B_11 Datasheet
669Kb / 10P
   Green Current Mode PWM Controller
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
   Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601_05 Datasheet
585Kb / 12P
   Green Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com