Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN48630UC50X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN48630UC50X
Description  2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48630UC50X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN48630UC50X Datasheet HTML 1Page - Fairchild Semiconductor FAN48630UC50X Datasheet HTML 2Page - Fairchild Semiconductor FAN48630UC50X Datasheet HTML 3Page - Fairchild Semiconductor FAN48630UC50X Datasheet HTML 4Page - Fairchild Semiconductor FAN48630UC50X Datasheet HTML 5Page - Fairchild Semiconductor FAN48630UC50X Datasheet HTML 6Page - Fairchild Semiconductor FAN48630UC50X Datasheet HTML 7Page - Fairchild Semiconductor FAN48630UC50X Datasheet HTML 8Page - Fairchild Semiconductor FAN48630UC50X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48630 • Rev. 1.0.1
FAN48630 — 2.5 MHz, 1500 mA, Synchronous TinyBoost
Regulator with Bypass Mode
Features
Few External Components: 0.47 µH Inductor and
0603 Case Size Input and Output Capacitors
Input Voltage Range: 2.35 V to 5.5 V
Fixed Output Voltage Options: 3.0 V to 5.0 V
Maximum Continuous Load Current: 1500 mA
at VIN of 2.6 V Boosting VOUT to 3.5 V
Up to 96% Efficient
True Bypass Operation when VIN > Target VOUT
Internal Synchronous Rectifier
Soft-Start with True Load Disconnect
Forced Bypass Mode
VSEL Control to Optimize Target VOUT
Short-Circuit Protection
Low Operating Quiescent Current
16-Bump, 0.4 mm Pitch WLCSP
Applications
Boost for Low-Voltage Li-ion Batteries, Brownout
Prevention, Boosted Audio, USB OTG, and LTE / 3G
RF Power
Cell Phones, Smart Phones, Portable Instruments
Description
The FAN48630 allows systems to take advantage of new
battery chemistries that can supply significant energy when
the battery voltage is lower than the required voltage for
system power ICs. By combining built-in power transistors,
synchronous rectification, and low supply current; this IC
provides a compact solution for systems using advanced
Li-Ion battery chemistries.
The FAN48630 is a boost regulator designed to provide a
minimum output voltage (VOUT(MIN)) from a single-cell Li-Ion
battery, even when the battery voltage is below system
minimum. Output voltage regulation is guaranteed to a
maximum load current of 1500 mA. Quiescent current in
Shutdown Mode is less than 3 µA, which maximizes battery
life. The regulator transitions smoothly between Bypass and
normal Boost Mode. The device can be forced into Bypass
Mode to reduce quiescent current.
The FAN48630 is available in a 16-bump, 0.4 mm pitch,
Wafer-Level Chip-Scale Package (WLCSP).
Figure 1. Typical Application
Ordering Information
Part Number
Output Voltage
(1)
VSEL0 / VSEL1
Soft-
Start
Forced
Bypass
Operating
Temperature
Package
(2)
Packing
FAN48630UC315X
3.15 / 3.33
FAST
Low IQ
-40°C to 85°C
16-Ball, 4x4 Array,
0.4 mm Pitch,
250 µm Ball,
Wafer-Level Chip-
Scale Package
(WLCSP)
Tape and Reel
FAN48630UC33X
3.30 / 3.49
FAST
Low IQ
FAN48630UC35X
3.50 / 3.70
FAST
Low IQ
FAN48630UC37AX
3.70 / 3.77
FAST
Low IQ
FAN48630UC45X
4.50 / 4.76
SLOW
OCP On
FAN48630UC50X
5.00 / 5.29
SLOW
OCP On
Notes:
1.
Other output voltages are available on request. Please contact a Fairchild Semiconductor representative.
2.
Includes backside laminate.


Similar Part No. - FAN48630UC50X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48630UC50X ONSEMI-FAN48630UC50X Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
More results

Similar Description - FAN48630UC50X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48630J ONSEMI-FAN48630J Datasheet
2Mb / 15P
   Synchronous Regulator with Bypass Mode, TINYBOOST짰, 2.5 MHz, 1500 mA
October, 2019 ??Rev. 2
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
   Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
FAN48630 ONSEMI-FAN48630 Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com