Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM31CR61E106K Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # GRM31CR61E106K
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM31CR61E106K Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button GRM31CR61E106K Datasheet HTML 5Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 6Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 7Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 8Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 9Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 10Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 11Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 12Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT7237A
9
DS7237A-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (10ms/Div)
Power Off from EN
VIN = 12V, VOUT = 3.3V, IOUT = 2A
VOUT
(2V/Div)
VIN
(5V/Div)
IL
(1A/Div)
Time (10ms/Div)
Power On from EN
VIN = 12V, VOUT = 3.3V, IOUT = 2A
VOUT
(2V/Div)
VIN
(5V/Div)
IL
(1A/Div)


Similar Part No. - GRM31CR61E106K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CR61E106K MURATA-GRM31CR61E106K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 10關F 25V
logo
Richtek Technology Corp...
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - GRM31CR61E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com