Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX412AQF Datasheet(PDF) 8 Page - Sony Corporation

Part # ICX412AQF
Description  Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX412AQF Datasheet(HTML) 8 Page - Sony Corporation

Back Button ICX412AQF Datasheet HTML 4Page - Sony Corporation ICX412AQF Datasheet HTML 5Page - Sony Corporation ICX412AQF Datasheet HTML 6Page - Sony Corporation ICX412AQF Datasheet HTML 7Page - Sony Corporation ICX412AQF Datasheet HTML 8Page - Sony Corporation ICX412AQF Datasheet HTML 9Page - Sony Corporation ICX412AQF Datasheet HTML 10Page - Sony Corporation ICX412AQF Datasheet HTML 11Page - Sony Corporation ICX412AQF Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
– 8 –
ICX412AQF
Spectral Sensitivity Characteristics (excludes lens characteristics and light source characteristics)
Clock Switching Characteristics (Horizontal drive frequency: 22.5MHz)
0
400
450
500
550
600
650
700
0.1
0.2
0.3
0.4
0.5
0.6
0.7
B
G
R
0.8
0.9
1.0
Wave Length [nm]
Min.
twh
Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
2.63
12
12
6
2.5
2.83
16
16
8
3.02
12
12
16
16
31
0.5
6.5
6.5
3
10.5
10.5
0.5
15
0.5
6.5
6.5
3
350
10.5
10.5
0.5
Unit
µs
ns
ns
ns
µs
Remarks
During
readout
When using
CXD3400N
tf
≥ tr – 2ns
During drain
charge
Item
Readout clock
Vertical transfer
clock
Horizontal
transfer clock
Reset gate clock
Substrate clock
Symbol
VT
V
φ1A, Vφ1B,
V
φ2, Vφ3A,
V
φ3B, Vφ4
H
φ1
H
φ2
φRG
φSUB
Min.
two
Typ. Max.
10
16
Unit
ns
Remarks
Item
Horizontal transfer clock
Symbol
H
φ1, Hφ2


Similar Part No. - ICX412AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX412 SONY-ICX412 Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
ICX412 SONY-ICX412 Datasheet
330Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
More results

Similar Description - ICX412AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
   Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX432DQ SONY-ICX432DQ Datasheet
299Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX432DQF SONY-ICX432DQF Datasheet
301Kb / 30P
   Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com