Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R1E106K Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # C3225X5R1E106K
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1E106K Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button C3225X5R1E106K Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT7237J
7
DS7237J-00
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Switching Frequency vs. Temperature
300
310
320
330
340
350
360
370
380
-50-25
0
25
50
75100
125
Temperature (°C)
VIN = 4.5V
VIN = 12V
VIN = 17V
IOUT = 0.5A
Switching Frequency vs. Input Voltage
300
310
320
330
340
350
360
370
380
4
6
8
1012
1416
18
Input Voltage (V)
IOUT = 0.5A
Reference Voltage vs. Temperature
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 3.3V, IOUT = 1A
VIN = 4.5V
VIN = 12V
VIN = 17V
Output Voltage vs. Input Voltage
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
4
6
8
1012
1416
18
Input Voltage (V)
VOUT = 3.3V, IOUT = 1A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Output Current (A)
VOUT = 3.3V
VIN = 4.5V
VIN = 12V
VIN = 17V
Output Voltage vs. Output Current
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
RT7237J, VOUT = 3.3V
VIN = 4.5V
VIN = 12V
VIN = 17V


Similar Part No. - C3225X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com