Electronic Components Datasheet Search |
|
FCP260N60E Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FCP260N60E Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 10 page FCP260N60E / FCPF260N60E Rev. C0 www.fairchildsemi.com 2 Package Marking and Ordering Information Electrical Characteristics T C = 25 oC unless otherwise noted Off Characteristics On Characteristics Dynamic Characteristics Switching Characteristics Drain-Source Diode Characteristics Device Marking Device Package Reel Size Tape Width Quantity FCP260N60E FCP260N60E TO-220 - - 50 FCPF260N60E FCPF260N60E TO-220F - - 50 Symbol Parameter Test Conditions Min. Typ. Max. Units BVDSS Drain to Source Breakdown Voltage VGS = 0V, ID = 10mA, TJ = 25°C 600 - - V VGS = 0V, ID = 10mA, TJ = 150°C 650 - - V ΔBV DSS ΔT J Breakdown Voltage Temperature Coefficient ID = 10mA, Referenced to 25 oC - 0.67 - V/oC BVDS Drain-Source Avalanche Breakdown Voltage VGS = 0V, ID = 15A - 700 - V IDSS Zero Gate Voltage Drain Current VDS = 480V, VGS = 0V - - 1 μA VDS = 480V, TC = 125 oC- - 10 IGSS Gate to Body Leakage Current VGS = ±20V, VDS = 0V - - ±100 nA VGS(th) Gate Threshold Voltage VGS = VDS, ID = 250μA2.5 - 3.5 V RDS(on) Static Drain to Source On Resistance VGS = 10V, ID = 7.5A - 0.22 0.26 Ω gFS Forward Transconductance VDS = 20V, ID = 7.5A - 15.5 - S Ciss Input Capacitance VDS = 25V, VGS = 0V f = 1MHz - 1880 2500 pF Coss Output Capacitance - 1330 1770 pF Crss Reverse Transfer Capacitance - 85 130 pF Coss Output Capacitance VDS = 380V, VGS = 0V, f = 1.0MHz - 32 - pF Coss eff. Effective Output Capacitance VDS = 0V to 480V, VGS = 0V - 129 - pF Qg(tot) Total Gate Charge at 10V VDS = 380V, ID = 7.5A VGS = 10V (Note 4) -48 62 nC Qgs Gate to Source Gate Charge - 7.4 - nC Qgd Gate to Drain “Miller” Charge - 17 - nC ESR Equivalent Series Resistance Drain open - 5.8 - Ω td(on) Turn-On Delay Time VDD = 380V, ID = 7.5A VGS = 10V, RG = 4.7Ω (Note 4) -20 50 ns tr Turn-On Rise Time - 11 32 ns td(off) Turn-Off Delay Time - 89 188 ns tf Turn-Off Fall Time - 13 36 ns IS Maximum Continuous Drain to Source Diode Forward Current - - 15 A ISM Maximum Pulsed Drain to Source Diode Forward Current - - 45 A VSD Drain to Source Diode Forward Voltage VGS = 0V, ISD = 7.5A - - 1.2 V trr Reverse Recovery Time VGS = 0V, ISD = 7.5A dIF/dt = 100A/μs - 270 - ns Qrr Reverse Recovery Charge - 3.6 - μC Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. IAS = 3A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C 3. ISD ≤ 7.5A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C 4. Essentially Independent of Operating Temperature Typical Characteristics |
Similar Part No. - FCP260N60E |
|
Similar Description - FCP260N60E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |