Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R1E106K Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # C3225X5R1E106K
Description  2A, 18V, 800kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1E106K Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button C3225X5R1E106K Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 12Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 13Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 14Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT7247C
11
DS7247C-02
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
Δ× −
⎢⎥ ⎢
×
⎣⎦ ⎣
Under Voltage Protection
Hiccup Mode
For the RT7247C, it provides Hiccup Mode Under Voltage
Protection (UVP). When the VFB voltage drops below 0.4V,
the UVP function will be triggered to shut down switching
operation. If the UVP condition remains for a period, the
RT7247C will retry automatically. When the UVP condition
is removed, the converter will resume operation. The UVP
is disabled during soft-start period.
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
the highest efficiency operation. However, it requires a
large inductor to achieve this goal.
For the ripple current selection, the value of
ΔIL= 0.24(IMAX)
will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
ripple current stays below the specified maximum, the
inductor value should be chosen according to the following
equation :
Table 2. Suggested Inductors for Typical
Application Circuit
Component
Supplier
Series
Dimensions
(mm)
TDK
VLF10045
10 x 9.7 x 4.5
TDK
SLF12565
12.5 x 12.5 x 6.5
TAIYO
YUDEN
NR8040
8 x 8 x 4
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
×−
⎢⎥ ⎢
×Δ
⎣⎦ ⎣
The inductor's current rating (caused a 40
°C temperature
rising from 25
°C ambient) should be greater than the
maximum load current and its saturation current should
be greater than the short circuit peak current limit. Please
see Table 2 for the inductor selection reference.
Figure 5. Hiccup Mode Under Voltage Protection
Over Temperature Protection
The RT7247C features an Over Temperature Protection
(OTP) circuitry to prevent from overheating due to
excessive power dissipation. The OTP will shut down
switching operation when junction temperature exceeds
150
°C. Once the junction temperature cools down by
approximately 20
°C, the converter will resume operation.
To maintain continuous operation, the maximum junction
temperature should be lower than 125
°C.
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
Time (50ms/Div)
Hiccup Mode
VOUT
(2V/Div)
ILX
(2A/Div)
IOUT = Short
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high side MOSFET.
To prevent large ripple current, a low ESR input capacitor
sized for the maximum RMS current should be used. The
approximate RMS current is given :
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst case condition is
commonly used for design because even significant
deviations do not offer much relief. Choose a capacitor
rated at a higher temperature than required. Several
capacitors may also be paralleled to meet size or height
requirements in the design. For the input capacitor, two
10
μF low ESR ceramic capacitors are suggested. For the


Similar Part No. - C3225X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
   2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7252A RICHTEK-RT7252A Datasheet
360Kb / 14P
   2A, 17V, 340/800kHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com